Electronic Components Datasheet Search
  English  ▼

X  

S8540 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 7Page - Seiko Instruments Inc S8540 Datasheet HTML 8Page - Seiko Instruments Inc S8540 Datasheet HTML 9Page - Seiko Instruments Inc S8540 Datasheet HTML 10Page - Seiko Instruments Inc S8540 Datasheet HTML 11Page - Seiko Instruments Inc S8540 Datasheet HTML 12Page - Seiko Instruments Inc S8540 Datasheet HTML 13Page - Seiko Instruments Inc S8540 Datasheet HTML 14Page - Seiko Instruments Inc S8540 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8540/8541 Series
11
2.
Soft-start function
The S-8540/8541 series has a built-in soft-start circuit. This circuit enables the output voltage to rise
gradually over the specified soft-start time to suppress the overshooting of the output voltage and the
rush current from the power source when the power is switched on or the power-off pin is set to "H"
The soft-start function of this IC, however, can not suppress rush current to the load completely (Refer
to Figure 9). The rush current is affected by the input voltage and the load. Please evaluate the rush
current under the actual test condition.
time (1 ms/div)
VOUT
(1 V/div)
Rush current
(0.5 A/div)
0 V
3.0 V
0 A
1 A
S-8540A33FN (VIN
= VON /OFF = 0 → 5 V)
Figure 9 Waveforms of output voltage and rush current at soft-start
The soft-start function of the IC is achieved by raising internal reference voltage gradually, which is
caused by the raising of shutdown pin voltage through RC components (RSS and CSS) connected to
shutdown pin.
A soft-start time (tSS) is changed by RSS, CSS and the input voltage V ON/OFF to RSS.
tSS is calculated from the following formula:
tSS [ms]=R [k
Ω] × C [μF] × In (V ON/OFF [V] / (V ON/OFF [V] − 1.8))
e.g. When RSS = 220 k
Ω, CSS = 0.047 μF, V ON/OFF = 2.7 V , then tSS = 11.4 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com