Electronic Components Datasheet Search
  English  ▼

X  

DRP3510 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 16Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 17Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 18Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 19Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 20Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 21Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 22Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 23Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
DRX 3960A
ADVANCE INFORMATION
20
Micronas
15
TEST0
IN
AVDD_DAC
GND
Test Pin
16
TEST1
IN
AVDD_DAC
GND
Test Pin
17
TEST2
IN
AVDD_DAC
GND
Test Pin
18
CVBS
OUT
AVDD_DAC
X
CVBS output
19
REF_SW
IN
AVDD_DAC
X
Reference frequency switch
20
SIF
OUT
AVDD_DAC
X
2nd SIF output
21
AVDD_DAC
X
DAC supply (+5 V)
22
AVSS_DAC
X
DAC ground
23
TEST_EN
IN
DVDD
GND
Test enable
24
RESETQ
IN
DVDD
X
Reset
25
I2C_SDA
I/O
DVDD
X
I2C data
26
I2C_SCL
I/O
DVDD
X
I2C clock
27
DVDD_CAP
X
Digital supply capacitor
28
DVDD
X
Digital supply (+3.3 V)
29
DVSS
X
Digital ground
30
DVSS_CAP
X
Digital capacitor ground
31
PORT0
OUT
DVDD
LV
Digital output port
32
PORT1
OUT
DVDD
LV
Digital output port
33
TUNER_AGC
OUT
DVDD
X
Tuner AGC current output
34
PORT2
OUT
DVDD
LV
Digital output port
35
PORT3
OUT
DVDD
LV
Digital output port
36
PORT4
OUT
DVDD
LV
Digital output port
37
ADR_SEL
IN
DVDD
X
Address select
38
PORT5
OUT
DVDD
LV
Digital output port
39
DVDD_ADC
X
Digital supply for ADC (+3.3 V)
40
DVSS_ADC
X
Digital ground for ADC
41
XTAL_IN
IN
AVDD_ADC
X
Crystal oscillator
42
XTAL_OUT
I/O
AVDD_ADC
X
Crystal oscillator /
external reference frequency
43
VREF
AVDD_ADC
X
ADC reference voltage
44
SGND
AVDD_ADC
X
ADC reference ground
Pin No.
Pin Name
Type
Supply
Voltage
Connection
Short Description
(If not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com