Electronic Components Datasheet Search
  English  ▼

X  

DRP3510 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 12Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 13Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 14Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 15Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 16Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 17Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 18Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 19Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
DRX 3960A
ADVANCE INFORMATION
16
Micronas
4.4.2. Write Register on I2C Subaddress 10hex
Table 4–8: Write Register on I2C Subaddress 10hex
I2C-Sub-
address
(hex)
Function
Name
00 20
Standard select
Defines TV standard which is to be processed
bit[15:0]
00 00hex
reserved
00 01hex
reserved
00 02hex
M/N
01 03hex
B (default)
00 03hex
G
00 04hex
D/K
00 09hex
L
01 09hex
L’
00 0Ahex
I
00 40hex
FM
STANDARD_SEL
10 01
Level settings
Defines the different output levels and frequency response
bit[4:0]Video frequency response deviation at 5 MHz
−8
−11.0 dB
−7
−9.0 dB
...
...
−2
−2.1 dB
−1
−1.0 dB
00 dB
1
0.8 dB
(default)
21.5 dB
3
2.1 dB
...
...
14
8.1 dB
15
8.3 dB
bit[6:5]
Reference value for SIF maximum amplitude:
0
1000 mVpp(default)
1700 mVpp
2500 mVpp
3350 mVpp
bit[8:7]
Reference value for video amplitude
0
2.0 V (default)
11.5 V
21.0 V
30.7 V
VID_PEAK
SIF_REF
VID_AMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com