Electronic Components Datasheet Search
  English  ▼

X  

DRP3510 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 22Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 23Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 24Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 25Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 26Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 27Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 28Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 29Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
ADVANCE INFORMATION
DRX 3960A
Micronas
27
Sound IF Output
Vsifpp
Full Scale Voltage
SIF
1.5
1.1
0.8
0.6
Vpp
@ SIF_REF=0
@ SIF_REF=1
@ SIF_REF=2
@ SIF_REF=3
f-1dBsif
Cutoff Frequency f-1dB
6MHz
CLoad <30 pF,
RLoad_AC >1 kΩ
Routsif
Output Resistance
50
Ω
f< 6 MHz
SNRb
Weighted Sound S/N
SC1/SC2
62/58
dB
black picture, CCIR 468
SNRw
Weighted Sound S/N
SC1/SC2
62/58
dB
white picture, CCIR 468
SNRfubk
Weighted Sound S/N
SC1/SC2
55/50
dB
FuBK picture, CCIR 468
Symbol
Parameter
Pin
Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com