Electronic Components Datasheet Search
  English  ▼

X  

DRP3510 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 18Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 19Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 20Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 21Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 22Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 23Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 24Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 25Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
DRX 3960A
ADVANCE INFORMATION
22
Micronas
Pin 37, ADR_SEL
− I2C Bus address select
By means of this pin, one of three device addresses
can be selected.
Pin 39, DVDD_ADC
− Digital supply pin for ADC
This pin has to be connected to 3.3 V.
Pin 40, DVSS_ADC
− Digital ground pin for ADC.
This pin has to be connected to digital ground.
Pin 41, XTAL_IN
− Crystal input pin
If an external clock is used this pin should be left open.
A crystal should be placed as close as possible to this
pin. External capacitors at each crystal pin to ground
are required. It should be verified by layout, that no
supply current is flowing through the ground connec-
tion point.
Pin 42, XTAL_OUT
− Crystal output pin
If an external clock is used, it has to be connected to
this pin. A crystal should be placed as close as possi-
ble to this pin. External capacitors at each crystal pin
to ground are required. It should be verified by layout,
that no supply current is flowing through the ground
connection point.
Pin 43, VREF
− Analog reference voltage
This pin must be connected to SGND via a circuitry
according to the application circuit.
Pin 43, SGND
− Reference for analog ground
This pin must be connected separately to a single
ground point.
5.4. Pin Configuration
Fig. 5–2: 44-pin PMQFP package
34
35
36
37
38
39
40
41
42
43
44
22
21
20
19
18
17
16
15
14
13
12
12
34
56
789
10 11
33 32 31 30 29 28 27 26 25 24 23
PORT2
PORT3
PORT4
ADR_SEL
PORT5
DVDD_ADC
DVSS_ADC
XTAL_IN
XTAL_OUT
VREF
SGND
AVSS_DAC
AVDD_DAC
SIF
REF_SW
CVBS
TEST2
TEST1
TEST0
SHIELD
AVSS_SYN
AVDD_SYN
PORT1
PORT0
DVSS_CAP
DVSS
DVDD
TUNER_AGC
DVDD_CAP
I2C_SCL
I2C_SDA
RESETQ
TEST_EN
AVDD_ADC
ANATSTX
ANATSTY
AVDD_FE8
AVSS_FE8
AVSS_ADC
AVSS_FE40
IFINX
AVDD_FE40
IFINY
AVSS_FE40
DRX 3960A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com