Electronic Components Datasheet Search
  English  ▼

X  

DRP3510 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 11Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 12Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 13Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 14Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 15Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 16Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 17Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 18Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
ADVANCE INFORMATION
DRX 3960A
Micronas
15
4.3. List of Status Registers
4.4. Description of User Registers
4.4.1. Write Register on I2C Subaddress 03hex
Table 4–6: List of Status Registers
Read Register
Address
(hex)
Bits
Description
I2C Subaddress = 11
hex ; Register are not writable
VIDEO_GAIN
10 05
[10:0]
Actual gain of the video AGC
TAGC_I
10 06
[11:0]
Actual tuner current
SIF_GAIN
10 0A
[10:0]
Internal actual gain of the SIF AGC
CR_FREQ
10 0B
[8:1]
Frequency deviation referred to reference IF frequency
Table 4–7: Write Register on I2C Subaddress 03hex
I2C-Sub-
address
(hex)
Function
Name
no
Output Port Level
bit[5]
Level at output port 5
bit[4]
Level at output port 4
bit[3]
Level at output port 3
bit[2]
Level at output port 2
bit[1]
Level at output port 1
bit[0]
Level at output port 0
PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com