Electronic Components Datasheet Search
  English  ▼

X  

DRP3510 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 2Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 3Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 4Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 5Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 6Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 7Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 8Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 9Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
DRX 3960A
ADVANCE INFORMATION
6
Micronas
1.3. Analog TV Application
The Digital Receiver Front-end DRX 3960A is able to
replace a conventional IF IC including several SAWs.
Nevertheless, quasi split sound processing is per-
formed with standard specific internal filtering and
group delay equalizing.
The input signal of the DRX 3960A is the TV IF with its
carrier at:
– 38.9 MHz (B/G, D/K, I, L, and M/N in multistandard
applications)
– 32.9 MHz (L’)
– 45.75 MHz (M/N in single standard applications)
– other frequencies are also programmable
– 36.125 MHz (DVB-C or DVB-T in further versions)
These signals are available from conventional tuners.
For pre-filtering, one 8-MHz channel SAW filter must
be used, e.g. the Epcos X6966M. Nevertheless, the
entire multistandard processing is performed. The pre-
filter limits the signal bandwidth to 8 MHz and sup-
presses major parts of the adjacent channels.
After the desired standard information is transferred
into the DRX 3960A, the following standard specific
procedures are performed:
– Adjacent channel suppression
– Carrier locking including AFC information genera-
tion
– Nyquist slope adjustment
– Video/sound splitting
– Video AGC, including delayed tuner AGC
– Group delay post distortion
– Video and sound frequency shaping
– Video demodulation
– Second SIF generation and AGC
Similar to conventional analog front-ends, the tuner
gain is controlled by the DRX 3960A. New AGC algo-
rithms have been implemented for superior level track-
ing for both positive and negative video modulation.
The demodulated CVBS signal and the second sound
IF (SIF) are available as analog output signals.
If an FM radio channel is transferred to the IF inputs,
down-mixed by means of a standard TV tuner, it can
be
preselected and
further down-mixed by the
DRX 3960A. Thus, a succeeding sound demodulator,
e.g. the MSP, will be able to demodulate that channel.
The DRX 3960A operates with its own quartz or with
appropriate external clocks, e.g.:
– 13.5, 20.25, 27 MHz from an employed video IC
– 1, 4 MHz from the tuner
Fig. 1–2: Multistandard video and sound IF processing with DRX 3960A
Tuner
DRX 3960A
VPC/VCT
MSP
SAW
Delayed Tuner AGC
CVBS
2nd SIF
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com