Electronic Components Datasheet Search
  English  ▼

X  

DRP3510 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 21Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 22Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 23Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 24Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 25Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 26Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 27Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 28Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
ADVANCE INFORMATION
DRX 3960A
Micronas
25
Digital Output Levels
VPORTL
Digital Output Low Voltage
PORT 0,
1, 2, 3, 4, 5
0.4
V
IPORT = 1.6 mA
VPORTH
Digital Output High Voltage
VDVDD -
0.4
VIPORT = −1.6 mA
IPORT
Digital Output Current
−22
mA
Reset
VRHL
Reset High Low transition
RESET
1.1
V
VRLH
Reset Low High transition
RESET
2.1
V
I2C-Bus
VI2CIL
I2C-Bus Input Low Voltage
I2C_CL,
I2C_DA
0.3
VDVDD
VI2CIH
I2C-Bus Input High Voltage
0.6
VDVDD
tI2C1
I2C Start Condition Setup Time
120
ns
tI2C2
I2C Stop Condition Setup Time
120
ns
tI2C5
I2C-Data Setup Time
before Rising Edge of Clock
55
ns
tI2C6
I2C-Data Hold Time
after Falling Edge of Clock
55
ns
tI2C3
I2C-Clock Low Pulse Time
I2C_CL
500
ns
tI2C4
I2C-Clock High Pulse Time
500
ns
fI2C
I2C-Bus Frequency
1.0
MHz
VI2COL
I2C-Data Output Low Voltage
I2C_CL,
I2C_DA
0.4
V
II2COL = 3 mA
II2COH
I2C-Data Output
High Leakage Current
1.0
µAV
I2COH = 5 V
tI2COL1
I2C-Data Output Hold Time
after Falling Edge of Clock
15
ns
tI2COL2
I2C-Data Output Setup Time
before Rising Edge of Clock
100
ns
fI2C = 1 MHz
IF Input
Zin
Differential Input Impedance
R
C
IFINX,
IFINY
1.6
1
22.4
4
k
Ω
pF
fin
Input Frequency
IFINX,
IFINY
38.9
47
MHz
Vwanted
Maximum wanted Signal Input
Voltage
TOP = 0
TOP = 15
IFINX,
IFINY
200
97
20
77
mVpp
dBuV
mVpp
dBuV
FS
SIF
Sensitivity
(S/N unweighted = 26 dB)
IFINX,
IFINY
1
mV
fin = 38.9 MHz,
TOP gain = 10 dB
Symbol
Parameter
Pin
Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com