Electronic Components Datasheet Search
  English  ▼

X  

DRP3510 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 20Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 21Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 22Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 23Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 24Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 25Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 26Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 27Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
DRX 3960A
ADVANCE INFORMATION
24
Micronas
5.5.3. Recommended Crystal Characteristics
5.5.4. Recommended Tuner Characteristics
5.6. Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Ambient Temperature
0
–
70
°C
fP
Parallel Resonance Frequency
with Load Capacitance CL = 13 pF
–
20.250000
–
MHz
∆f
P/fP
Accuracy of Adjustment
––
±100
ppm
∆f
P/fP
Frequency Temperature Drift
––
±30
ppm
RR
Series Resistance
––
25
Ω
C0
Shunt Capacitance
3
–
7pF
Symbol
Parameter
Min.
Typ.
Max.
Unit
atuner
Minimum Gain Control Range
40
dB
Stuner
AGC Control Voltage Sensitivity
50
dB/V
Symbol
Parameter
Pin
Name
Min.
Typ.
Max.
Unit
Test Conditions
Supply
Idig
Current Consumption, digital
60
mA
Iana
Current Consumption, analog
110
mA
Ptot
Total Power Consumption
750
mW
Digital Input Levels
VDIGIL
Digital Input Low Voltage
TEST_EN
REF_SW
0.2
VDVDD
VDIGIH
Digital Input High Voltage
0.8
VDVDD
ZDIGI
Input Impedance
5
pF
IDLEAK
Digital Input Leakage Current
−11
µA0 V < V
INPUT< VDVDD
VDIGIL
Digital Input Low Voltage
ADR_SEL
0.2
VDVDD
VDIGIH
Digital Input High Voltage
0.8
VDVDD
IADRSEL
Input Current Address Select Pin
−500
−220
µAV
ADR_SEL= VDVSS
220
500
µAV
ADR_SEL= VDVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com