Electronic Components Datasheet Search
  English  ▼

X  

DRP3510 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 19Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 20Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 21Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 22Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 23Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 24Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 25Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 26Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
ADVANCE INFORMATION
DRX 3960A
Micronas
23
5.5. Electrical Characteristics
5.5.1. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in
the “Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
5.5.2. Recommended Operating Conditions
The values given under “Characteristics” are valid for these “Recommended Operating Conditions”.
Symbol
Parameter
Pin Name
Min.
Max.
Unit
TA
Ambient Operating Temperature
0
70
°C
PTOT
Maximum Power Dissipation
–
833
mW
TS
Storage Temperature
–40
125
°C
VSUPmax
Supply Voltage, all Supply Inputs
–0.3
6
V
Vmax
External Voltage, all VASUP Pins,
(without TUNER_AGC)
–0.3
VASUP+0.3
V
External Voltage, all VDSUP Pins
–0.3
VDSUP+0.3
V
External Voltage, I2C
I2C_SDA
I2C_SCL
−0.3
6
V
VSUP-tun
TUNER_AGC Voltage
TUNER_AGC
–
8V
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
VASUP
Voltage, Analog Supply Pins
AVDD_ADC
AVDD_FE8
AVDD_FE40
AVDD_SYN
AVDD_DAC
4.75
5.0
5.25
V
VDSUP
Voltage, Digital Supply Pins
DVDD
DVDD_CAP
3.0
3.3
3.6
V
VDSUP_ADC
Voltage, Digital Supply Pins, ADC
DVDD_ADC
3.0
3.3
3.6
V
Vext_I2C
External Voltage I2C
I2C_SDA
I2C_SCL
0.0
–
5.5
V
fXTAL
Clock Frequency
XTAL_IN/
OUT
–
20.25
–
MHz
fexternal
External Clock Frequency Range
XTAL_IN
1
20.25
30
MHz
fssbnoise
SSB-Phase noise of
External Clock Frequency
fratio = 20*Log10
(40.5 MHz/fexternal)
XTAL_IN
–90
fratio
dBc
fm =
1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com