Electronic Components Datasheet Search
  English  ▼

X  

LM9800 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9800
Description  8-Bit Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9800 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM9800 Datasheet HTML 24Page - National Semiconductor (TI) LM9800 Datasheet HTML 25Page - National Semiconductor (TI) LM9800 Datasheet HTML 26Page - National Semiconductor (TI) LM9800 Datasheet HTML 27Page - National Semiconductor (TI) LM9800 Datasheet HTML 28Page - National Semiconductor (TI) LM9800 Datasheet HTML 29Page - National Semiconductor (TI) LM9800 Datasheet HTML 30Page - National Semiconductor (TI) LM9800 Datasheet HTML 31Page - National Semiconductor (TI) LM9800 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Applications Information (Continued)
5.3 Parallel Output CCD, Three LM9800s
Figure 36 uses three LM9800s to achieve a 7.5Mpixel/sec
(2.5M RGB pixels/sec) pixel rate. The three LM9800s are
synchronized by applying the same MCLK and SYNC sig-
nals to all three devices. One LM9800 provides the clock sig-
nals required for the CCD. Since the coefficient data for all
three LM9800s will be latched simultaneously on the rising
edge of CCLK, the correction coefficient bus should either be
at least 21 bits wide (7 correction coefficient bits by 3
LM9800s) or run at a 7.5MHz rate and latched into a buffer
between the correction coefficient databus and each
LM9800. Similarly, the output data for all three LM9800s will
be available simultaneously at the 3 output databusses.
6.0 CALIBRATION
To calibrate a LM9800-based system, follow these steps:
6.1 Offset Calibration
This procedure corrects for offsets generated inside the
LM9800. Because the LM9800 uses CDS to eliminate the
pixel-to-pixel offset errors of the CCD, very good results can
be obtained even if this procedure is not implemented. In this
case the Offset DAC and Offset Add bit are simply set to 0.
To use the Offset DAC and Offset Add bit for offset correc-
tion, the offset errors must first be determined. This is done
be measuring the voltage at the PGA output, using the ADC.
If this voltage is known with a PGA gain of x1 (0 dB) and x2
(6 dB), then the offset errors (V
OS1 and VOS2) can be deter-
mined from the following two equations:
V
ADC1 =
1(V
OS1 +VDAC1)+VOS2 +VDAC2
(PGA gain = x1)
V
ADC2 =
2(V
OS1 +VDAC1)+VOS2 +VDAC2
(PGA gain = x2)
Solving for V
OS1 and VOS2:
V
OS1 = (VADC2–VADC1)– VDAC1
V
OS2 = (2VADC1–VADC2)– VDAC2
These equations were used to produce this procedure for
cancelling the LM9800’s offset errors:
1.
Turn off the VGA.
2.
Set the Offset DAC to +7 LSB. (This is done to ensure
the total offset is positive and therefore measurable by
the ADC.)
3.
Set the Offset Add bit to 0.
4.
Set the PGA Gain to x1 (PGA code = 0).
5.
Digitize a black line.
6.
Calculate the average (in ADC LSBs) of all the valid pix-
els in the black line and store that number as “B1”
(equivalent to V
ADC1).
7.
Set the PGA Gain to x2 (PGA code = 127).
8.
Digitize a black line.
9.
Calculate the average (in ADC LSBs) of all the valid pix-
els in the black line and store that number as “B2”
(equivalent to V
ADC2).
10. Program the Offset DAC using the formula:
Offset DAC code = 7+B1–B2.
11. If 2B1 > B2, then set the Offset Add bit to 0. If 2B1 < B2,
set the Offset Add bit to 1.
6.2 Coarse Gain Calibration
The LM9800’s PGA corrects for up to 6 dB of varIation in the
CCD output signal’s white level intensity. That 6 dB range
has to be centered inside the 6 dB window of correction.
With the VGA off and the PGA set to a gain of 0 dB, the
LM9800 expects the maximum CCD white level output to be
below 1.2V (V
REF IN) corresponding to strong pixels, and the
minimum white level output voltage to be above 0.6V (V
REF
IN
/2), corresponding to weaker CCD pixels or pixels further
from the light source. If the variation for a white input is inside
this range, as shown in
Figure 38, the PGA can correct for it
and linearize it.
If the maximum white level voltage (the voltage from the
strongest pixels) is greater than 1.2V
(Figure 39), the
LM9800 will be unable to linearize the CCD’s output.
DS012498-43
FIGURE 36. Parallel Output CCD, Three LM9800s
DS012498-54
FIGURE 37. Offset Calibration
DS012498-44
FIGURE 38. CCD Input Signal In Range
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com