Electronic Components Datasheet Search
  English  ▼

X  

AD6652 Datasheet(PDF) 42 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD6652 Datasheet HTML 38Page - Analog Devices AD6652 Datasheet HTML 39Page - Analog Devices AD6652 Datasheet HTML 40Page - Analog Devices AD6652 Datasheet HTML 41Page - Analog Devices AD6652 Datasheet HTML 42Page - Analog Devices AD6652 Datasheet HTML 43Page - Analog Devices AD6652 Datasheet HTML 44Page - Analog Devices AD6652 Datasheet HTML 45Page - Analog Devices AD6652 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
AD6652
Rev. 0 | Page 42 of 76
tput
a-
gisters.
bit growth associated with CIC filters depends on
unts for the division associated with
a
in
C
t
operation, only coarse scaling is possible. Fine scaling is imple-
n
secti
14 u
ort control
iste
wher
o 4096).
amples programmed as a
im
or 4).
athCad-
g up to t
ber.
xample, if a
ation ratio
MCIC is 1
d
Navg is
ted to be 3 (decimation of 1000 and av
g of 3000
amples), then the actual gain due to averaging and decimation
3000 or 69.54 dB ( = log2(3000)). Because attenuation is
ift operation, only multiples of 6.02 dB
g
is
utput from the aver-
a
appl
ing a
simp
b-
tracted from the request signal level, R, specified in Registers
(0x0B, 0x14), leaving an error term to be processed by the loop
filter, G(z).
rogrammable request signal level, R, according to the
t signal level desired. The request signal level
R is
requ
f any, due
to th
e
requ
l is offset by the amount of error induced in
C,
Because the number of average samples must be an integer
multiple of the decimation value, only the multiple number 1, 2,
Set this p
outpu
3, or 4 is programmed. This number is programmed in Ou
Port Control Registers 0x10:1–0 and 0x18:1–0. These averaged
samples are then decimated with decimation ratios programm
ble from 1 to 4096. This 12-bit decimation ratio is defined in
Registers 0x11 and 0x19.
The average and decimate operations are linked together and
implemented using a first-order CIC filter and FIFO re
The gain and
the decimation ratio. To compensate for the gain associated
with these operations, attenuation scaling is provided before the
CIC filter.
This scaling operation acco
the veraging operation as well as the traditional bit growth
CI filters. Because this scaling is implemented as a bit shif
me ted as an offset in the request level, explained later in this
on. The attenuation scaling, SCIC, is programmable from 0 to
sing four bits of 0x10 and 0x18 of the output p
reg
rs, and is given by
)]
(
[log
2
avg
CIC
CIC
N
M
ceil
S
×
=
e:
MCIC is the decimation ratio (1 t
Navg is the number of averaged s
multiple of dec
ation ratio (1, 2, 3,
Ceil is M
speak for roundin
he next whole
num
For e
decim
000 an
selec
eragin
s
is
implemented as a bit sh
attenuations are possible. SCIC, in this case, is 12 correspondin
to 72.24 dB. This way,
SCIC scaling always attenuates more than
sufficient to compensate for the gain changes in average and
decimate sections and, therefore, prevents overflows in the AGC
loop. But it is also evident that the CIC scaling is inducing a
gain error (difference between gain due to CIC and attenuation
provided) of up to 6.02 dB. This error should be compensated
for in the request signal level, as explained below.
Logarithm to the Base 2 is applied to the o
age and decimate section. These decimated power samples (in
log rithmic domain) are converted to rms signal samples by
ying a square root. This square root is implemented us
le shift operation. The rms samples so obtained are su
programmable from 0 to −23.99 dB in steps of 0.094 dB. The
est signal level should also compensate for error, i
e CIC scaling, as explained previously. Therefore, th
est signal leve
CI
given by
02
.
6
)
(
log
20
10
×
−
×
×
=
CIC
avg
CIC
S
N
M
Offset
wh re the offset is in dB.
e
C ntinuing with the previous example, this offset is given by
h
o
Offset = 72.24 − 69.54 = 2.7 dB
So t e request signal level is given by
094
.
0
)
(
×
⎥
⎤
⎢
⎡
−
=
Offset
DSL
ceil
R
094
.
0
⎦
⎣
e:
wher
DSL
desir
Therefore, in the previous example, if the desired signal level is
−16.
The AGC provides a programmable second-order loop filter.
defin
subt
rocessed by the loop
gain
e
ratio
The
para
R is the request signal level.
(desired signal level) is the output signal level that the user
es.
−13.8 dB, the request signal level, R, is programmed to be
54 dB.
The programmable parameters, gain K and pole P, completely
e the loop filter characteristics. The error term after
racting the request signal level is p
filter, G(z). The open loop poles of the second-order loop filter
are 1 and
P, respectively. The loop filter parameters, pole P and
K, allow adjustment of the filter time constant, which
determines the window for calculating the peak-to-averag
.
open loop transfer function for the filter, including the gain
meter is as follows:
2
1
)
1
(
1
−
− +
+
−
Pz
z
P
If the AGC is properly configured (in terms of offset in request
level), then there are no gains except the filter gain K. Under
1
−
Kz
)
(
=
z
G
these circumstances, a closed loop expression for the AGC loop
is possible and is given by
2
1
1
)
1
(
1
)
(
1
)
(
)
(
−
−
−
+
−
−
+
=
+
=
Pz
z
P
K
Kz
z
G
z
G
z
G
closed
The gain parameter
K and pole P are programmable through
registers (0x0E and 0x0F, respectively, for AGC Channel A and
Channel B) from 0 to 0.996 in steps of 0.0039 using 8-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com