Electronic Components Datasheet Search
  English  ▼

X  

AD6652 Datasheet(PDF) 60 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD6652 Datasheet HTML 56Page - Analog Devices AD6652 Datasheet HTML 57Page - Analog Devices AD6652 Datasheet HTML 58Page - Analog Devices AD6652 Datasheet HTML 59Page - Analog Devices AD6652 Datasheet HTML 60Page - Analog Devices AD6652 Datasheet HTML 61Page - Analog Devices AD6652 Datasheet HTML 62Page - Analog Devices AD6652 Datasheet HTML 63Page - Analog Devices AD6652 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
AD6652
Rev. 0 | Page 60 of 76
Bit Wid
Channel Address
Register
th
Comments
A4
RCF Control Register
11
10:
RCF bypass BIST
9:
RCF input select (own 0, other 1)
8:
Program RAM bank 1/0
7:
Use common exponent
6:
Force output scale
5-4:
Output format
nt 12 + 4
1x: Floating poi
point 8 + 4
01: Floating
00: Fixed point
3-0:
Output scale
A5
BIST Signature for I Path
16
BIST-I
A6
BIST Signature for Q Path
16
BIST-Q
A7
BIST Outputs to Accumulate
20
19-0:
Number of outputs (counter value read)
A8
RAM BIST Control Register
3
2:
D-RAM fail/pass
pass
1:
C-RAM fail/
0:
RAM BIST enable
A9
Output Control Register
10
9:
Map RCF data to BIST registers
5:
Output format
1: 16-bit I and 16-bit Q
I and 12-bit Q
0: 12-bit
4-0:
Reserved, write to Logic 0
0x87: NCO Phase Offset Register
This register represents a 16-bit phase offset to the NCO. It can
be interpreted as values ranging from 0 to just under 2π. The
o the 16 MSBs of the 32-bit NCO
rrive at the final phase angle number
ular
16-bit phase offset is added t
phase accumulator to a
used to compute the amplitude value.
0x88: NCO Control Register
This 9-bit register controls features of the NCO and the
channel. The bits are defined in this section. For details, see the
Numerically Controlled Oscillator section.
Bits 8–7 of this register choose which one of the four
Pin_SYNC pins (A, B, C, or D) is used by the channel to initiate
channel start and frequency hop functions. These bits can also
be used to make timing adjustments to a channel.
Table 25 shows the bit logic state needed to select a partic
Pin_Sync.
Table 25. Bit Logic States for Sync Pins
0x88:8
0x88:7
Sync Pin Selected
0
0
A
0
1
B
1
0
C
1
1
D
Bit 6 of this register defines which ADC channel, A or B, is used
by the DDC channel being programmed. If this bit is low, then
nput Port A selected; if this bit is high, Input Port B is selected.
Bits 5–4 are reserved and must be written logic low.
e
m
ared.
it
-
equen-
e and amplitude dither
use of these features is
y
stage
to be bypassed. When this occurs, the data from Input Port A is
th of the channel and the data from Input
ws a
lue
ister is the decimation minus one. The rCIC2
ecimation can range from 1 to 4096, depending upon the
interpolation of the channel. The decimation must always be
greater than the interpolation.
I
Bit 3 determines whether or not the phase accumulator of th
NCO is cleared when a hop occurs. The hop can originate fro
either Pin_SYNC or Soft_SYNC. When this bit is set to 0, the
hop is phase-continuous and the accumulator is not cle
When this bit is set to 1, the accumulator is cleared to 0 before
begins accumulating the new frequency word. This is appropri
ate when multiple channels are hopping from different fr
cies to a common frequency.
Bits 2–1 control whether or not the phas
functions of the NCO are activated. The
determined by the system constraints. See the Numericall
Controlled Oscillator section for more information on the use
of dither. As usual, a logic high activates the function.
Bit 0 of this register allows the NCO frequency translation
passed down the I pa
Port B is passed down the Q path of the channel. This allo
real filter to be performed on baseband I and Q data.
Ox89–0x8F: Unused
Unused.
0x90: rCIC2 Decimation − 1 (MrCIC2 − 1)
This register sets the decimation in the rCIC2 filter. The va
written to this reg
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com