Electronic Components Datasheet Search
  English  ▼

X  

AD6652 Datasheet(PDF) 68 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD6652 Datasheet HTML 64Page - Analog Devices AD6652 Datasheet HTML 65Page - Analog Devices AD6652 Datasheet HTML 66Page - Analog Devices AD6652 Datasheet HTML 67Page - Analog Devices AD6652 Datasheet HTML 68Page - Analog Devices AD6652 Datasheet HTML 69Page - Analog Devices AD6652 Datasheet HTML 70Page - Analog Devices AD6652 Datasheet HTML 71Page - Analog Devices AD6652 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
AD6652
Rev. 0 | Page 68 of 76
Bit Width
Comments
Address
Register
1:
Channel data interleaved
1:
2-channel mode/separate AB
0:
4-channel mode/AB same port
0:
AGC_CH select
1:
Data comes from AGCs
0:
Data comes from channels
1E
Port Clock Control
3
2–1:
PCLK divisor
0:
PCLK master/slave2
0:
Slave
1:
Master
1 Set the LHB A and/or LHB B enable bits to logic low only when the entire block functions
functions) are to be
shut down.
2 PCLK boots as a slave.
0x0E: AGC A Loop Gain
This 8-bit register defines the open loop gain K. Its value can be
set from 0 to 0.996 in steps of 0.0039. This value of K is updated
in the AGC loop each time the AGC is initialized.
0x0F: AGC A Pole Location
This 8-bit register defines the open loop filter pole location P. Its
0 to 0.996 in steps of 0.0039. This value of
o
umber of samples to be averaged before
IC decimating filter. This number can be
ean-
o
utput word length of the AGC. The output
word can be 4 to 8, 10, 12, or 16 bits wide. The control register
bit representation to obtain different output word lengths is
given in Table 29.
Bit 4 of this register sets the mode of operation for the AGC.
When this bit is 0, the AGC tracks to maintain the output signal
level; when this bit is 1, the AGC tracks to maintain a constant
clipping error. See the Automatic Gain Control section for
details about these two modes.
Bits 3–1 are used to configure the synchronization of the AGC.
The CIC decimator filter in the AGC can be indirectly
synchronized to an externally generated signal. When synchro-
nized, the AGC outputs an update sample for the AGC error
calculation and filtering. This way, the AGC gain changes can be
synchronized to a Rake receiver or other external block.
Note: The hold-off counter of AGC B shares the pin sync
fore, if the user
intends to use the AGC B’s hold-off counter, the user must
attach the external sync signal to the pin sync that will be
assigned to DDC Channel 2. The hold-off counter must be
programmed with a 16-bit number that corresponds to the
desired delay before a new CIC decimated value is updated.
Writing a logic high to the proper pin sync pin triggers the AGC
hold-off counter with a retriggerable one-shot pulse every time
the pin is written high.
Bit 3 is the sync now bit. If the user chooses not to use pin sync
signals, the user can use the Sync Now command by program-
ming this bit high. This performs an immediate start of
not
lize on
gain K, and pole parameter P
are loaded. When Bit 2 = 0, the above-mentioned parameters are
not updated and the CIC filter is not cleared. In both cases, an
AGC update sample is output from the CIC filter and the
decimator starts operating towards the next output sample
whenever a Sync Now occurs.
Bit 1 is used to ignore repetitive Pin_Sync signals. In some
applications, the synchronization signal might occur periodi-
cally. If this bit is clear, each Pin_Sync resynchronizes the AGC.
(LHB signal interleaving, LHB filtering, and AGC
value can be set from
P is updated in the AGC loop each time the AGC is initialized.
This open loop pole location directly impacts the closed loop
pole locations. See the Automatic Gain Control section.
0x10: AGC A Average Samples
This 6-bit register contains the scale used for the CIC filter and
the number of power samples to be averaged before being fed t
the CIC filter.
Bits 5–2 define the scale used for the CIC filter.
Bits 1–0 define the n
they are sent to the C
set between 1 and 4 with 00 meaning one sample and 11 m
ing four samples.
0x11: AGC A Update Decimation
This 12-bit register sets the AGC decimation ratio from 1 t
4096. Set an appropriate scaling factor to avoid loss of bits.
0x12: AGC B Control Register
Bits 7–5 define the o
assigned to DDC processing Channel 2. There
decimation for a new update sample and initializes the AGC, if
Bit 2 is set. This bit has a one-shot characteristic and does
need to be reset in order to respond to a new logic high being
written to it. Use of the sync now bit bypasses the AGC hold-off
counters; therefore, the name Sync Now.
Bit 2 is used to determine whether the AGC should initia
a Sync Now or not. When this bit is set, the CIC filter is cleared
and new values for CIC decimation, number of averaging
samples, CIC scale, signal gain Gs,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com