Electronic Components Datasheet Search
  English  ▼

X  

AD6652 Datasheet(PDF) 8 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6652 Datasheet HTML 4Page - Analog Devices AD6652 Datasheet HTML 5Page - Analog Devices AD6652 Datasheet HTML 6Page - Analog Devices AD6652 Datasheet HTML 7Page - Analog Devices AD6652 Datasheet HTML 8Page - Analog Devices AD6652 Datasheet HTML 9Page - Analog Devices AD6652 Datasheet HTML 10Page - Analog Devices AD6652 Datasheet HTML 11Page - Analog Devices AD6652 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
AD6652
Rev. 0 | Page 8 of 76
GENERAL TIMING CHARACTERISTICS
All timing specifications valid over VDD range of 2.25 V to 2.75 V and VDDIO range of 3.0 V to 3.6 V.
CLOAD = 40 pF on all outputs, unless otherwise specified.
Table 6.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
CLK TIMING REQUIREMENTS
tCLK
CLK Period
Full
IV
15.4
ns
tCLKL
CLK Width Low
Full
IV
6.2
tCLK/2
ns
tCLKH
CLK Width High
Full
IV
6.2
tCLK/2
ns
RESET TIMING REQUIREMENTS
tRESL
RESET Width Low
Full
IV
30.0
ns
LEVEL INDICATOR OUTPUT SWITCHING CHARACTERISTICS
tDLI
↑CLK to LI (LIA, LIA; LIB, LIB) Output Delay Time
Full
IV
3.3
10.0
ns
SYNC TIMING REQUIREMENTS
tSS
SYNC(A,B,C,D) to
↑CLK Setup Time
Full
IV
2.0
ns
tHS
SYNC(A,B,C,D) to
↑CLK Hold Time
Full
IV
1.0
ns
PARALLEL PORT TIMING REQUIREMENTS (MASTER MODE)
Switching Characteristics1
tDPOCLKL
↓CLK to ↑PCLK Delay (Divide-by-1)
Full
IV
6.5
10.5
ns
tDPOCLKLL
↓CLK to ↑PCLK Delay (Divide-by-2, -4, or -8)
Full
IV
8.3
14.6
ns
tDPREQ
↑PCLK to ↑PxREQ Delay
1.0
ns
tDPP
↑PCLK to Px[15:0] Delay
0.0
ns
Input Characteristics
tSPA
PxACK to
↓PCLK Setup Time
7.0
ns
tHPA
PxACK to
↓PCLK Hold Time
−3.0
ns
PARALLEL PORT TIMING REQUIREMENTS (SLAVE MODE)
Switching Characteristics1
tPOCLK
PCLK Period
Full
IV
12.5
ns
tPOCLKL
PCLK Low Period (when PCLK Divisor = 1)
Full
IV
2.0
0.5 × tPOCLK
ns
tPOCLKH
PCLK High Period (when PCLK Divisor = 1)
Full
IV
2.0
0.5 × tPOCLK
ns
tDPREQ
↑PCLK to ↑PxREQ Delay
10.0
ns
tDPP
↑PCLK to Px[15:0] Delay
11.0
ns
Input Characteristics
tSPA
PxACK to
↓PCLK Setup Time
IV
1.0
ns
tHPA
PxACK to
↓PCLK Hold Time
IV
1.0
ns
LINK PORT TIMING REQUIREMENTS
Switching Characteristics1
tRDLCLK
↑PCLK to ↑LxCLKOUT Delay
Full
IV
2.5
ns
tFDLCLK
↓PCLK to ↓LxCLKOUT Delay
Full
IV
0
ns
tRLCLKDAT
↑LCLKOUT to Lx[7:0] Delay
Full
IV
0
2.9
ns
tFLCLKDAT
↓LCLKOUT to Lx[7:0] Delay
Full
IV
0
2.2
ns
1 The timing parameters for Px[15:0], PxREQ, and PxACK apply for Port A and B (x stands for A or B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com