Electronic Components Datasheet Search
  English  ▼

X  

AD6652 Datasheet(PDF) 28 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6652 Datasheet HTML 24Page - Analog Devices AD6652 Datasheet HTML 25Page - Analog Devices AD6652 Datasheet HTML 26Page - Analog Devices AD6652 Datasheet HTML 27Page - Analog Devices AD6652 Datasheet HTML 28Page - Analog Devices AD6652 Datasheet HTML 29Page - Analog Devices AD6652 Datasheet HTML 30Page - Analog Devices AD6652 Datasheet HTML 31Page - Analog Devices AD6652 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
AD6652
Rev. 0 | Page 28 of 76
ve
n
with a nominal 50% duty cycle. Duty cycle
b
w
affec
e
crea
sam
low
the
quire and lock to the new rate.
gh
the c
inpu
fINPUT) due only to aperture jitter (tA) can be
In the equation, the rms aperture jitter, t , represents the root-
t,
signal with digital noise. Low jitter,
nal
last s
e power dissip
d by the AD6652 front-end AD is propor-
nal to its samp
g rate. Norma
DC operation
uires that
th PDWN pin
e set to logic lo
he ADC can
placed in
ower-down m
e by setting bo
PDWN pins t
gic high.
w power dissi
ion in power-d
n mode is ach
ed by
tting down th
eference buffers and biasing ne
rks of
th ADC chann
. Both power-
pins must b
riven
ether either h
or low for pro r ADC operat
.
r maximum p
er savings, the
LK and analo
put(s)
ould remain st
while in stan
mode, result
in a
ical power co
ption of 1 m
for the ADC.
he clock
uts remain ac
while in stan
mode, typical power
nsumption for
e ADC is 12 mW
ADC Wake-Up Time
upling capacitors on REFT and REFB are discharged
de, and then must be recharged when
the
upling capacitors on REFT
and
y discharge the
e buffer decoupling capacitors, and 5 ms to restore full
n.
Clock Input Considerations
Typical high speed ADCs use both clock edges to generate a
modulating the clock
crystal-controlled osci
variety of internal timing signals, and as a result can be sensiti
to ACLK clock duty cycle. Commonly a 5% tolerance is
required on the clock duty cycle to maintain dynamic perform-
ance characteristics. The AD6652 contains a clock duty cycle
stabilizer that re-times the nonsampling edge, providing a
internal clock signal
sta ilizing is engaged by setting DUTYEN to logic high. This
allo s a wide range of ACLK clock input duty cycles without
ting the performance of the AD6652 ADC stage.
Th duty cycle stabilizer uses a delay-locked loop (DLL) to
te the nonsampling edge. As a result, any changes to the
pling frequency require approximately 2 ms to 3 ms to al
DLL to ac
Hi
speed, high resolution ADCs are sensitive to the quality of
lock input. The degradation in SNR at a given full-scale
t frequency (
calculated with the following equation:
SNR degradation = 20 × log10 [1/2 × p × fINPUT × tA]
A
sum square of all jitter sources, which include the clock inpu
analog input signal, and ADC aperture jitter specification.
Undersampling applications are particularly sensitive to jitter.
To minimize clock jitter, treat the ACLK clock input as an
analog signal. Power supplies for clock drivers should be
separated from the ADC output driver supplies to avoid
llators make the best clock sources. If the
ACLK clock is generated from another type of source (by
gating, dividing, or other methods), re-time it by the origi
clock at the
tep.
ADC Power-Down Mode
Th
ate
C
tio
lin
l A
req
bo
s b
w. T
be
a p
od
th
o lo
Lo
pat
ow
iev
shu
e r
two
bo
els
down
e d
tog
igh
pe
ion
Fo
ow
AC
g in
sh
atic
dby
ing
typ
nsum
W
If t
inp
tive
dby
co
th
.
The deco
when entering standby mo
returning to normal operation. As a result, the wake-up time is
related to the time spent in standby mode. Shorter standby
cycles result in proportionally shorter wake-up times. With
recommended 0.1 µF and 10 µF deco
REFB, it takes approximately 1 s to full
referenc
operatio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com