Electronic Components Datasheet Search
  English  ▼

X  

AD6652 Datasheet(PDF) 59 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD6652 Datasheet HTML 55Page - Analog Devices AD6652 Datasheet HTML 56Page - Analog Devices AD6652 Datasheet HTML 57Page - Analog Devices AD6652 Datasheet HTML 58Page - Analog Devices AD6652 Datasheet HTML 59Page - Analog Devices AD6652 Datasheet HTML 60Page - Analog Devices AD6652 Datasheet HTML 61Page - Analog Devices AD6652 Datasheet HTML 62Page - Analog Devices AD6652 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
AD6652
Rev. 0 | Page 59 of 76
the SYNC occurs. If this bit is high, then the phase
not updated to the
working register until the channel is either brought out of sleep
es a value of 1. If the frequency
cy
as the shadow is written.
Memory Map
Bit Wid
NCO control register at Channel Address 0x88. When this bit is
low, then the phase accumulator of the NCO is not cleared, but
starts to add the new NCO frequency word to the accumulator
as soon as
accumulator of the NCO is cleared to 0, and the new word is
then accumulated.
0x85: NCO Frequency Register 0
This register represents the 16 LSBs of the NCO frequency
word. These bits are shadowed and are
mode, or a Soft_SYNC or Pin_SYNC has been issued. In the
latter two cases, the register is updated when the frequency
Table 24. Channel Address
hold-off counter count reach
hold-off counter value is set to a value of 1, then the register is
updated as soon as the shadow is written.
0x86: NCO Frequency Register 1
This register represents the 16 MSBs of the NCO frequency
word. These bits are shadowed and are not updated to the
working register until the channel is either brought out of sleep
mode, or a Soft_SYNC or Pin_SYNC has been issued. In the
latter two cases, the register is updated only when the frequen
hold-off counter count reaches a value of 1. If the frequency
hold-off counter is set to a value of 1, then the register is
updated as soon
Channel Address
Register
th
Comments
00–7F
Coefficient Memory (CMEM)
20
128 x 20-bit memory
80
CHANNEL SLEEP
1
0:
Sleep bit from EXT_ADDRESS 3
81
Soft_Sync Control Register
2
1:
Hop
0:
Start
82
Pin_SYNC Control Register
3
2:
First SYNC only
1:
Hop_En
0:
Start_En
83
Start Hold-Off Counter
16
Start hold-off value
84
NCO Frequency Hold-Off Counter
16
NCO_FREQ hold-off value
85
NCO Frequency Register 0
16
NCO_FREQ[15:0]
86
NCO Frequency Register 1
16
NCO_FREQ[31:16]
87
NCO Phase Offset Register
16
NCO_PHASE[15:0]
88
NCO Control Register
9
[1:0]
8-7:
SYNC input select
00 = A, 01 = B, 10 = C, 11 = D
6:
Input port select B or A, 0 = A, 1 = B
5-4:
Reserved, write both bits logic low
3:
Clear phase accumulator on hop
2:
Amplitude dither
1:
Phase dither
0:
Bypass (A-input -> I-path, B -> Q)
89–8F
Unused
90
rCIC2 Decimation − 1
12
MrCIC2 − 1
91
rCIC2 Interpolation − 1
9
LrCIC2 − 1
92
rCIC2 Scale
12
11:
Reserved, write to logic low
10:
Reserved, write to logic low
:0]
9-5:
rCIC2 _QUIET [4
4-0:
rCIC2_LOUD [4:0]
93
Reserved
8
d (must be written low)
Reserve
94
CIC5 Decimation − 1
8
MCIC5 − 1
95
CIC5 Scale
5
4-0:
CIC5_SCALE[4:0]
96
Reserved
8
Reserved (must be written low)
97–9F
Unused
A0
RCF Decimation − 1
8
MRCF − 1
A1
RCF Decimation Phase
8
PRCF
A2
RCF Number of Taps − 1
8
NTaps − 1
A3
RCF Coefficient Offset
8
CORCF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com