Electronic Components Datasheet Search
  English  ▼

X  

AD6652 Datasheet(PDF) 27 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6652 Datasheet HTML 23Page - Analog Devices AD6652 Datasheet HTML 24Page - Analog Devices AD6652 Datasheet HTML 25Page - Analog Devices AD6652 Datasheet HTML 26Page - Analog Devices AD6652 Datasheet HTML 27Page - Analog Devices AD6652 Datasheet HTML 28Page - Analog Devices AD6652 Datasheet HTML 29Page - Analog Devices AD6652 Datasheet HTML 30Page - Analog Devices AD6652 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
AD6652
Rev. 0 | Page 27 of 76
External Reference Operation
An external reference voltage can be used to enhance the gain
accuracy of the ADC or improve thermal drift characteristics.
When multiple ADCs track one another, a single reference
(internal or external) might be necessary to reduce gain-
matching errors to an acceptable level. A high-precision
external reference can also be selected to provide lower gain and
offset temperature drift.
When the SENSE pin is tied to AVDD as in Figure 42, the
internal reference is disabled, allowing the use of an external
reference. An internal reference buffer loads the external
reference with an equivalent 7 kΩ load. The internal buffer still
generates the positive and negative full-scale references, REFT
and REFB, for the ADC core. The input span is always twice the
value of the reference voltage; therefore, the external reference
must be limited to a maximum of 1 V.
If the internal reference of the AD6652
s, the loading on VREF by the other converters must be
onsidered. Figure 44 shows how the internal reference voltage
is affected by loading.
0
0.2
0.4
0.6
0.8
1.0
1.2
–40 –30 –20 –10
0
20
60
10
30
40
50
70
80
90
TEMPERATURE (°C)
VREF = 1V
VREF = 0.5V
Figure 43. Typical VREF Drift
–0.25
–0.20
–0.15
is used to drive multiple
IC
c
VINA+
VINA–
VREF
0.5V TO 1.0V
EXTERNAL
REFERENCE IN
VREF
SENSE
+3.0V
TO CH B
REF AMP
SELECT
LOGIC
REF
AMP A
CH A
ADC
CORE
REFT_A
REFB_A
0.5V
0.1
µF
0.1
µF
0.1
µF
0.1
µF
10
µF
10
µF
RINT
RINT
Figure 42. External Reference Operation with Connections
Shown for Channel A Only
–0.10
–0.05
0.05
1.0
1.5
0
0.5
2.0
2.5
3.0
LOAD (mA)
0
1V ERROR
0.5V ERROR
Figure 44. VREF Accuracy vs. Load
Shared Reference Mode
The shared reference mode allows the user to connect the
references from the dual ADCs together for superior gain and
offset matching performance. If the ADCs are to function
independently, the reference decoupling should be treated
independently and can provide superior isolation between the
dual ADC channels. To enable shared reference mode, the
SHRDREF pin must be tied high and the differential references
must be externally shorted together, that is, REFTA must be
shorted externally to REFTB and REFBA must be shorted
externally to REFBB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com