Electronic Components Datasheet Search
  English  ▼

X  

AD6652 Datasheet(PDF) 14 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6652 Datasheet HTML 10Page - Analog Devices AD6652 Datasheet HTML 11Page - Analog Devices AD6652 Datasheet HTML 12Page - Analog Devices AD6652 Datasheet HTML 13Page - Analog Devices AD6652 Datasheet HTML 14Page - Analog Devices AD6652 Datasheet HTML 15Page - Analog Devices AD6652 Datasheet HTML 16Page - Analog Devices AD6652 Datasheet HTML 17Page - Analog Devices AD6652 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
AD6652
Rev. 0 | Page 14 of 76
TYPICAL PERFORMANCE CHARACTERISTICS
–150
–140
–130
–120
–100
–60
–40
–20
–10
0
–80
–110
–70
–50
–30
–90
–300
–200
–100
0
100
200
300
FREQUENCY (kHz)
AIN = –1dBFS
SNR = 90dB (200kHz BW)
32k FFT
Figure 2. GSM/EDGE with Single Tone AIN = 30 MHz; Encode = 61.44 MSPS
–150
–140
–130
–120
–100
–60
–40
–20
–10
0
–80
–110
–70
–50
–30
–90
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 80dB (1.25MHz BW)
32k FFT
Figure 3. CDMA2000 with Single Tone AIN = 76 MHz; Encode = 61.44 MSPS
–150
–140
–130
–120
–100
–60
–40
–20
–10
0
–80
–110
–70
–
–30
–90
–1
01
23
4
–3
–2
–4
FREQUENCY (MHz)
50
AIN = –1dBFS
SNR = 70dB (5MHz BW)
32k FFT
–150
–140
–130
–120
–100
–60
–40
–20
–10
0
–80
–110
–70
–50
–30
–90
–300
–200
–100
0
100
200
300
FREQUENCY (kHz)
32k FFT
Figure 5. GSM/EDGE Carrier AIN = 30 MHz; Encode = 61.44 MSPS
–150
–140
–130
–120
–100
–60
–40
–20
–10
0
–80
–110
–70
–50
–30
–90
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
FREQUENCY (MHz)
32k FFT
Figure 6. CDMA2000 Carrier AIN = 76 MHz; Encode = 61.44 MSPS
–150
–140
–130
–120
–100
–60
–40
–20
–10
0
–80
–110
–70
–50
–30
–90
–1
01
23
4
–3
–2
–4
FREQUENCY (MHz)
32k FFT
Figure 7. WCDMA Carrier AIN = 169 MHz; Encode = 61.44 MSPS
Figure 4. WCDMA with Single Tone AIN = 169 MHz; Encode = 61.44 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com