Electronic Components Datasheet Search
  English  ▼

X  

AD6652 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 1 Page - Analog Devices

  AD6652 Datasheet HTML 1Page - Analog Devices AD6652 Datasheet HTML 2Page - Analog Devices AD6652 Datasheet HTML 3Page - Analog Devices AD6652 Datasheet HTML 4Page - Analog Devices AD6652 Datasheet HTML 5Page - Analog Devices AD6652 Datasheet HTML 6Page - Analog Devices AD6652 Datasheet HTML 7Page - Analog Devices AD6652 Datasheet HTML 8Page - Analog Devices AD6652 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
12-Bit, 65 MSPS
IF to Baseband Diversity Receiver
AD6652
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 90 dB in 150 kHz bandwidth (to Nyquist
@ 61.44 MSPS)
Worst harmonic = 83 dBc (to Nyquist @ 61.44 MSPS)
Integrated dual-channel ADC:
Sample rates up to 65 MSPS
IF sampling frequencies to 200 MHz
Internal ADC voltage reference
Integrated ADC sample-and-hold inputs
Flexible analog input range (1 V to 2 V p-p)
Differential analog inputs
ADC clock duty cycle stabilizer
85 dB channel isolation/crosstalk
Integrated wideband digital downconverter (DDC):
Crossbar switched DDC inputs
Digital resampling for noninteger decimation
Programmable decimating FIR filters
Flexible control for multicarrier and phased array
Dual AGC stages for output level control
Dual 16-bit parallel or 8-bit link output ports
User-configurable built-in self-test (BIST) capability
Energy-saving power-down modes
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers:
GSM, EDGE, PHS, AMPS, UMTS, WCDMA, CDMA-ONE,
IS95, IS136, CDMA2000, IMT-2000
I/Q demodulation systems
Smart antenna systems
General-purpose software radios
Broadband data applications
Instrumentation and test equipment
FUNCTIONAL BLOCK DIAGRAM
/
/
12
12
CHANNEL A
CHANNEL B
LIA
LIA
LIB
LIB
OTRA
OTRB
PSEUDO
RANDOM
NOISE
SEQUENCE
SYNCA
SYNCB
SYNCC
SYNCD
ACLK
VINA+
VINA–
VINB+
VINB–
VREF
SENSE
REFTA
REFBA
REFTB
REFBB
PDWN
SHRDREF
DUTYEN
RCF OUTPUTS
CHANNELS 0, 1, 2, 3
RCF OUTPUTS
CHANNELS 0, 1, 2, 3
TO OUTPUT PORTS
TO OUTPUT PORTS
TO OUTPUT PORTS
TO OUTPUT
PORTS
DUAL-CHANNEL 12-BIT A/D FRONT END
WIDEBAND DIGITAL DOWNCONVERTER (DDC)
CHANNEL 0
CHANNEL 1
CHANNEL 2
CHANNEL 3
+3.0AVDD
+3.3VDDIO
2.5VDD
AGND
DGND
CLK
DATA CONT ADD
PORT A
CONTROL
OUTPUT
MUX
CIRCUITRY
CONTROL
PORT B
8-BIT DSP
LINK
OR
16-BIT
PARALLEL
OUTPUT
8-BIT DSP
LINK
OR
16-BIT
PARALLEL
OUTPUT
*DATA INTERLEAVING AND INTERPOLATING HB FILTER
RAM
COEF.
FILTER
RAM
COEF.
FILTER
RAM
COEF.
FILTER
RAM
COEF.
FILTER
NCO
NCO
NCO
NCO
RCIC2
RESAMPLER
CIC5
RCIC2
RESAMPLER
CIC5
RCIC2
RESAMPLER
CIC5
RCIC2
RESAMPLER
CIC5
VREF
ADC
CHANNEL
A
ADC
CHANNEL
B
SHA
SHA
MODE
SELECT
CLOCK
DUTY
CYCLE
STABILIZER
EXTERNAL
SYNC.
CIRCUIT
DDC
CLK
BUILT-IN
SELF-TEST
CIRCUITRY
PROGRAM
MICROPORT
83
3
AGC A*
AGC B*
Figure 1.


Similar Part No. - AD6652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6652 AD-AD6652_15 Datasheet
1Mb / 76P
12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
More results

Similar Description - AD6652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6650 AD-AD6650 Datasheet
594Kb / 28P
Diversity IF to Baseband GSM/EDGE Narrowband Receiver
AD6654 AD-AD6654 Datasheet
1Mb / 88P
14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
4/05-Revision 0
AD6655 AD-AD6655 Datasheet
2Mb / 84P
IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
IF Diversity Receiver
11/07-Revision 0
AD6650 AD-AD6650_07 Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
IF Diversity Receiver
REV. A
AD6652 AD-AD6652_15 Datasheet
1Mb / 76P
12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
AD6654 AD-AD6654_15 Datasheet
1Mb / 88P
14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
IF Diversity Receiver
23-Feb-2017
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
IF Diversity Receiver
15-Jul-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com