Electronic Components Datasheet Search
  English  ▼

X  

AD6652 Datasheet(PDF) 37 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD6652 Datasheet HTML 33Page - Analog Devices AD6652 Datasheet HTML 34Page - Analog Devices AD6652 Datasheet HTML 35Page - Analog Devices AD6652 Datasheet HTML 36Page - Analog Devices AD6652 Datasheet HTML 37Page - Analog Devices AD6652 Datasheet HTML 38Page - Analog Devices AD6652 Datasheet HTML 39Page - Analog Devices AD6652 Datasheet HTML 40Page - Analog Devices AD6652 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
AD6652
Rev. 0 | Page 37 of 76
er
ion,
FIFTH-ORDER CIC FILTER
The fourth signal processing stage, CIC5, implements a sharp
fixed-coefficient, decimating filter than rCIC2. The input rate to
this filter is fSAMP2. The maximum input rate is given by the
following equation. NCH equals two for diversity channel real
input mode; otherwise, NCH equals one. To satisfy this equat
increase MrCIC2 or reduce NCH.
CH
CLK
SAMP
N
f
f
≤
2
The decimation ratio, MCIC5, can be programmed from 2 to 32
(all integer values). The frequency response of the filter is given
by the following equations. Use these equations to calculate the
gain and pass-band droop of CIC5. Both parameters can be
compensated for in the RCF stage.
5
1
5
1
1
2
1
)
(
5
5
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
×
=
−
−
+
z
z
z
H
CIC
CIC
M
S
5
2
2
5
5
sin
sin
2
5
⎜
⎜
CIC
1
)
(
⎜
⎜
×
=
f
H
⎟
⎟
⎟
⎟
⎟
⎞
⎜
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
π
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
π
+
SAMP
CIC
S
f
f
f
f
M
tion without creating an
⎠
⎝
SAMP
The scale factor, SCIC5, is a programmable unsigned integer
between 0 and 20. It serves to control the attenuation of the data
into the CIC5 stage in 6 dB increments. For the best dynamic
range, set SCIC5 to the least attenua
overflow condition. This can be safely accomplished using the
following equation, where OLrCIC2 is the largest fraction of full
scale possible at the input to this filter stage. This value is output
from the rCIC2 stage, then pipelined into the CIC5.
(
)
(
) 5
log
2
5
5
2
5
−
×
=
rCIC
CIC
CIC
OL
M
ceil
S
()
2
5
5
5
5
5
2
rCIC
S
CIC
CIC
OL
M
OL
CIC
×
=
+
The output rate of this stage is given by the following equation:
5
2
5
CIC
SAMP
SAMP
M
f
f
=
CIC5 REJECTION
Table 15 lists the amount of bandwidth in percentage of the
input rate that can be protected with various decimation rates
and alias rejection specifications. The maximum input rate into
the CIC5 is 65 MHz when the rCIC2 decimates by 1. As in the
previous rCIC2 table (Table 14), these are the single-sideband
bandwidth characteristics of the CIC5.
he
f an upper bound on decimation, MCIC5.
Table 15. SSB CIC5 Alias Rejection Table (fSAMP2 = 1)
MCIC5
−50 dB
−60 dB
−70 dB
−80 dB
−90 dB
−100 dB
The CIC5 stage can protect a much wider band to any given
rejection than rCIC2.
Given the desired filter characteristics, Table 15 can help in t
calculation o
2
10.277
8.078
6.393
5.066
4.008
3.183
3
7.924
6.367
5.11
4.107
3.297
2.642
4
6.213
5.022
4.057
3.271
2.636
2.121
5
5.068
4.107
3.326
2.687
2.17
1.748
6
4.267
3.463
2.808
2.27
1.836
1.48
7
3.68
2.989
2.425
1.962
1.588
1.281
8
3.233
2.627
2.133
1.726
1.397
1.128
9
2.881
2.342
1.902
1.54
1.247
1.007
10
2.598
2.113
1.716
1.39
1.125
0.909
11
2.365
1.924
1.563
1.266
1.025
0.828
12
2.17
1.765
1.435
1.162
0.941
0.76
13
2.005
1.631
1.326
1.074
0.87
0.703
14
1.863
1.516
1.232
0.998
0.809
0.653
15
1.74
1.416
1.151
0.932
0.755
0.61
16
1.632
1.328
1.079
0.874
0.708
0.572
17
1.536
1.25
1.016
0.823
0.667
0.539
18
1.451
1.181
0.96
0.778
0.63
0.509
19
1.
483
375
1.119
0.91
0.737
0.597
0.
20
1.307
1.064
0.865
0.701
0.568
0.459
21
1.245
1.013
0.824
0.667
0.541
0.437
22
1.188
0.967
0.786
0.637
0.516
0.417
23
1.137
0.925
0.752
0.61
0.494
0.399
24
1.09
0.887
0.721
0.584
0.474
0.383
25
1.046
0.852
0.692
0.561
0.455
0.367
26
1.006
0.819
0.666
0. 4
3
5
0.437
0.35
27
0.969
0.789
0.641
0.52
0.421
0.34
28
0.934
0.761
0.618
0.501
0.406
0.328
29
0.902
0.734
0.597
0.484
0.392
0.317
30
0.872
0.71
0.577
0.468
0.379
0.306
31
0.844
0.687
0.559
0.453
0.367
0.297
32
0.818
0.666
0.541
0.439
0.355
0.287
–150
–130
–110
–90
–70
–50
–30
–10
–2
–1
0
1
2
+10
MULTIPLES OF CIC5 OUTPUT RATE
Figure 48. Double Side-Band Graph Showing CIC5 Filter Response
and Alias Rejection of −100 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com