Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9230
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9230 Datasheet HTML 7Page - Analog Devices AD9230 Datasheet HTML 8Page - Analog Devices AD9230 Datasheet HTML 9Page - Analog Devices AD9230 Datasheet HTML 10Page - Analog Devices AD9230 Datasheet HTML 11Page - Analog Devices AD9230 Datasheet HTML 12Page - Analog Devices AD9230 Datasheet HTML 13Page - Analog Devices AD9230 Datasheet HTML 14Page - Analog Devices AD9230 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD9230
Rev. 0 | Page 10 of 32
Pin No.
Mnemonic
Description
5
D5−
D5 Complement Output Bit.
6
D5+
D5 True Output Bit.
9
D6−
D6 Complement Output Bit.
10
D6+
D6 True Output Bit.
11
D7−
D7 Complement Output Bit.
12
D7+
D7 True Output Bit.
13
D8−
D8 Complement Output Bit.
14
D8+
D8 True Output Bit.
15
D9−
D9 Complement Output Bit.
16
D9+
D9 True Output Bit.
17
D10−
D10 Complement Output Bit.
18
D10+
D10 True Output Bit.
19
D11−
D11 Complement Output Bit (MSB).
20
D11+
D11 True Output Bit (MSB).
21
OR−
Overrange Complement Output Bit.
22
OR+
Overrange True Output Bit.
1 AGND and DRGND should be tied to a common quiet ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com