Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9230
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9230 Datasheet HTML 16Page - Analog Devices AD9230 Datasheet HTML 17Page - Analog Devices AD9230 Datasheet HTML 18Page - Analog Devices AD9230 Datasheet HTML 19Page - Analog Devices AD9230 Datasheet HTML 20Page - Analog Devices AD9230 Datasheet HTML 21Page - Analog Devices AD9230 Datasheet HTML 22Page - Analog Devices AD9230 Datasheet HTML 23Page - Analog Devices AD9230 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
AD9230
Rev. 0 | Page 19 of 32
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–1
4095
3071
2047
1023
OUTPUT CODE
Figure 40. AD9230-250 INL; 250 MSPS
0
–20
–40
–60
–80
–100
–120
–140
080
70
60
50
40
30
20
10
FREQUENCY (MHz)
Figure 41. AD9230-250 64k Point, Two-Tone FFT; 250 MSPS,
170.1 MHz, 171.1 MHz
210
50
70
90
110
130
150
170
190
480
300
320
340
360
380
400
420
440
460
50
300
250
200
150
100
SAMPLE RATE (MSPS)
IAVDD
IDRVDD
TOTAL POWER
Figure 42. AD9230 Power Supply Current vs. Sample Rate
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–1
4095
3071
2047
1023
OUTPUT CODE
Figure 43. AD9230-250 DNL; 250 MSPS
120
100
80
60
40
20
0
–90
0
–10
–20
–30
–40
–50
–60
–70
–80
AMPLITUDE (–dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBFS)
Figure 44. AD9230-250 Two-Tone SFDR vs. Input Amplitude; 250 MSPS,
170.1 MHz, 171.1 MHz
0
–20
–40
–60
–80
–100
–120
0
30.72
61.44
92.16
122.88
FREQUENCY (MHz)
Figure 45. AD9230-250 64k Point FFT; Four W-CDMA Carriers, IF = 184 MHz,
245.6 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com