Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9230
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9230 Datasheet HTML 14Page - Analog Devices AD9230 Datasheet HTML 15Page - Analog Devices AD9230 Datasheet HTML 16Page - Analog Devices AD9230 Datasheet HTML 17Page - Analog Devices AD9230 Datasheet HTML 18Page - Analog Devices AD9230 Datasheet HTML 19Page - Analog Devices AD9230 Datasheet HTML 20Page - Analog Devices AD9230 Datasheet HTML 21Page - Analog Devices AD9230 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AD9230
Rev. 0 | Page 17 of 32
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–1
4095
3071
2047
1023
OUTPUT CODE
Figure 29. AD9230-210 INL; 210 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
100
80
60
40
20
FREQUENCY (MHz)
Figure 30. AD9230-210 64 Point, Two-Tone FFT; 210 MSPS,
170.1 MHz, 171.1 MHz
170
150
70
90
110
130
50
400
320
330
340
350
360
370
380
390
40
240
190
140
90
SAMPLE RATE (MSPS)
IAVDD
IDRVDD
TOTAL POWER
Figure 31. AD9230-210 Power Supply Current vs. Sample Rate
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–1
4095
3071
2047
1023
OUTPUT CODE
Figure 32. AD9230-210 DNL; 210 MSPS
120
0
20
40
60
80
100
–90
0
–10
–20
–30
–40
–50
–60
–70
–80
AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBFS)
Figure 33. AD9230-210 Two-Tone SFDR vs. Input Amplitude; 210 MSPS,
170.1 MHz, 171.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com