Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9230
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9230 Datasheet HTML 12Page - Analog Devices AD9230 Datasheet HTML 13Page - Analog Devices AD9230 Datasheet HTML 14Page - Analog Devices AD9230 Datasheet HTML 15Page - Analog Devices AD9230 Datasheet HTML 16Page - Analog Devices AD9230 Datasheet HTML 17Page - Analog Devices AD9230 Datasheet HTML 18Page - Analog Devices AD9230 Datasheet HTML 19Page - Analog Devices AD9230 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AD9230
Rev. 0 | Page 15 of 32
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–1
4095
3071
2047
1023
OUTPUT CODE
Figure 18. AD9230-170 INL; 170 MSPS
0
–20
–40
–60
–80
–100
–120
–140
080
70
60
50
40
30
20
10
FREQUENCY (MHz)
Figure 19. AD9230-170 64k Point, Two-Tone FFT; 170 MSPS,
140.1 MHz, 141.1 MHz
140
60
70
80
90
100
110
120
130
50
380
310
320
340
330
350
360
370
300
40
180
160
140
120
100
80
60
SAMPLE RATE (MHz)
IAVDD
IDVDD
TOTAL POWER
Figure 20. AD9230-170 Power Supply Current vs. Sample Rate
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–1
4095
3071
2047
1023
OUTPUT CODE
Figure 21. AD9230-170 DNL; 170 MSPS
120
0
20
40
60
80
100
–90
0
–10
–20
–30
–40
–50
–60
–70
–80
AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBFS)
Figure 22. AD9230-170 Two-Tone SFDR vs. Input Amplitude; 170 MSPS,
140.1 MHz, 141.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com