Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9230
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9230 Datasheet HTML 23Page - Analog Devices AD9230 Datasheet HTML 24Page - Analog Devices AD9230 Datasheet HTML 25Page - Analog Devices AD9230 Datasheet HTML 26Page - Analog Devices AD9230 Datasheet HTML 27Page - Analog Devices AD9230 Datasheet HTML 28Page - Analog Devices AD9230 Datasheet HTML 29Page - Analog Devices AD9230 Datasheet HTML 30Page - Analog Devices AD9230 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AD9230
Rev. 0 | Page 26 of 32
Table 11. Serial Timing Definitions
Parameter
Timing (minimum, ns)
Description
tDS
5
Setup time between the data and the rising edge of SCLK
tDH
2
Hold time between the data and the rising edge of SCLK
tCLK
40
Period of the clock
tS
5
Setup time between CSB and SCLK
tH
2
Hold time between CSB and SCLK
tHI
16
Minimum period that SCLK should be in a logic high state
tLO
16
Minimum period that SCLK should be in a logic low state
tEN_SDIO
1
Minimum time for the SDIO pin to switch from an input to an output relative to the SCLK
falling edge (not shown in Figure 64)
tDIS_SDIO
5
Minimum time for the SDIO pin to switch from an output to an input relative to the SCLK
rising edge (not shown in Figure 64)
Table 12. Output Data Format
Input (V)
Condition (V)
Offset Binary
Output Mode
D11 to D0
Twos Complement Mode
D11 to D0
Gray Code Mode
(SPI Accessible)
D11 to D0
OR
VIN+ − VIN−
< 0.62
0000 0000 0000
0000 0000 0000
0000 0000 0000
1
VIN+ − VIN−
= 0.62
0000 0000 0000
0000 0000 0000
0000 0000 0000
0
VIN+ − VIN−
= 0
0000 0000 0000
0000 0000 0000
0000 0000 0000
0
VIN+ − VIN−
= 0.62
1111 1111 1111
1111 1111 1111
0000 0000 0000
0
VIN+ − VIN−
> 0.62 + 0.5 LSB
1111 1111 1111
1111 1111 1111
0000 0000 0000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com