Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9230
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9230 Datasheet HTML 10Page - Analog Devices AD9230 Datasheet HTML 11Page - Analog Devices AD9230 Datasheet HTML 12Page - Analog Devices AD9230 Datasheet HTML 13Page - Analog Devices AD9230 Datasheet HTML 14Page - Analog Devices AD9230 Datasheet HTML 15Page - Analog Devices AD9230 Datasheet HTML 16Page - Analog Devices AD9230 Datasheet HTML 17Page - Analog Devices AD9230 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AD9230
Rev. 0 | Page 13 of 32
EQUIVALENT CIRCUITS
1.2V
10kΩ
10kΩ
CLK+
CLK–
AVDD
Figure 6. Clock Inputs
VIN+
AVDD
BUF
VIN–
AVDD
BUF
2kΩ
2kΩ
BUF
AVDD
VCML
~1.4V
Figure 7. Analog Inputs (VCML = ~1.4 V)
SCLK/DFS
RESET
PDWN
1kΩ
30kΩ
Figure 8. Equivalent SCLK/DFS, RESET, PDWN Input Circuit
CSB
1kΩ
26kΩ
AVDD
Figure 9. Equivalent CSB Input Circuit
DRVDD
DATAOUT+
V–
V+
DATAOUT–
V+
V–
Figure 10. LVDS Outputs (Dx+, Dx−, OR+, OR−, DCO+, DCO−)
SDIO/DCS
1kΩ
DRVDD
Figure 11. Equivalent SDIO/DCS Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com