Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9230
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9230 Datasheet HTML 13Page - Analog Devices AD9230 Datasheet HTML 14Page - Analog Devices AD9230 Datasheet HTML 15Page - Analog Devices AD9230 Datasheet HTML 16Page - Analog Devices AD9230 Datasheet HTML 17Page - Analog Devices AD9230 Datasheet HTML 18Page - Analog Devices AD9230 Datasheet HTML 19Page - Analog Devices AD9230 Datasheet HTML 20Page - Analog Devices AD9230 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AD9230
Rev. 0 | Page 16 of 32
0
–20
–40
–60
–80
–100
–120
–140
0
100
80
60
40
20
FREQUENCY (MHz)
210MSPS
10.3MHz @ –1.0dBFS
SNR: 64.5dB
ENOB: 10.5 BITS
SFDR: 79dBc
Figure 23. AD9230-210 64k Point Single-Tone FFT; 210 MSPS, 10.3 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
100
80
60
40
20
FREQUENCY (MHz)
210MSPS
70.3MHz @ –1.0dBFS
SNR: 63.9dB
ENOB: 10.4 BITS
SFDR: 80dBc
Figure 24. AD9230-210 64k Point Single-Tone FFT; 210 MSPS, 70.3 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
100
80
60
40
20
FREQUENCY (MHz)
210MSPS
170.3MHz @ –1.0dBFS
SNR: 631.7dB
ENOB: 9.9 BITS
SFDR: 67dBc
Figure 25. AD9230-210 64k Point Single-Tone FFT; 210 MSPS, 170.3 MHz
40000
35000
30000
25000
20000
15000
10000
5000
0
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3 MORE
BIN
INPUT REFERRED NOISE: 0.70 LSBs
Figure 26. AD9230-210 Grounded Input Histogram; 210 MSPS
90
85
80
75
70
65
60
55
50
0
450
400
350
300
250
200
150
100
50
ANALOG INPUT FREQUENCY (MHz)
SNR (dB) –40°C
SFDR (dBc) –40°C
SNR (dB) +25°C
SFDR (dBc) +25°C
SNR (dB) +85°C
SFDR (dBc) +85°C
Figure 27. AD9230-210 Single-Tone SNR/SFDR vs. Input Frequency (fIN)
and Temperature with 1.25 V p-p Full Scale; 210 MSPS
100
90
80
70
60
50
40
30
20
10
0
90
0
10
20
30
40
50
60
70
80
AMPLITUDE (–dBFS)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
SNR (dB)
Figure 28. AD9230-210 SNR/SFDR vs. Input Amplitude; 210 MSPS, 170.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com