Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9230
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9230 Datasheet HTML 8Page - Analog Devices AD9230 Datasheet HTML 9Page - Analog Devices AD9230 Datasheet HTML 10Page - Analog Devices AD9230 Datasheet HTML 11Page - Analog Devices AD9230 Datasheet HTML 12Page - Analog Devices AD9230 Datasheet HTML 13Page - Analog Devices AD9230 Datasheet HTML 14Page - Analog Devices AD9230 Datasheet HTML 15Page - Analog Devices AD9230 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AD9230
Rev. 0 | Page 11 of 32
DNC = DO NOT CONNECT
PIN 1
INDICATOR
1
D3/D9–
2
D3/D9+
3
D4/D10–
4
D4/D10+
5
(MSB) D5/D11–
6
(MSB) D5/D11+
7
DRVDD
8
DRGND
9
OR–
10
OR+
11
DNC
12
DNC
13
DNC
14
DNC
35 VIN+
36 VIN–
37 AVDD
38 AVDD
39 AVDD
40 CML
41 AVDD
42 AVDD
34 AVDD
33 AVDD
32 AVDD
31 RBIAS
30 AVDD
29 PWDN
TOP VIEW
(Not to Scale)
PIN 0 (EXPOSED PADDLE) = AGND
AD9230
Figure 5. Double Data Rate
Table 8. Double Data Rate Mode Pin Function Descriptions
Pin No.
Mnemonic
Description
30, 32 to 34, 37 to 39,
41 to 43, 46
AVDD
1.8 V Analog Supply.
7, 24, 47
DRVDD
1.8 V Digital Output Supply.
0
AGND1
Analog Ground.
8, 23, 48
DRGND1
Digital Output Ground.
35
VIN+
Analog Input—True.
36
VIN−
Analog Input—Complement.
40
CML
Common-Mode Output Pin. Enabled through the SPI, this pin provides a reference for the
optimized internal bias voltage for VIN+/VIN−.
44
CLK+
Clock Input—True.
45
CLK−
Clock Input—Complement.
31
RBIAS
Set Pin for Chip Bias Current. (Place 1% 10 kΩ resistor terminated to ground.) Nominally 0.5 V.
28
RESET
CMOS-Compatible Chip Reset (Active Low).
25
SDIO/DCS
Serial Port Interface (SPI) Data Input/Output (Serial Port Mode); Duty Cycle Stabilizer Select
(External Pin Mode).
26
SCLK/DFS
Serial Port Interface Clock (Serial Port Mode); Data Format Select Pin (External Pin Mode).
27
CSB
Serial Port Chip Select (Active Low).
29
PWDN
Chip Power-Down.
49
DCO−
Data Clock Output—Complement.
50
DCO+
Data Clock Output—True.
51
D0/D6−
D0/D6 Complement Output Bit (LSB).
52
D0/D6+
D0/D6 True Output Bit (LSB).
53
D1/D7−
D1/D7 Complement Output Bit.
54
D1/D7+
D1/D7 True Output Bit.
55
D2/D8−
D2/D8 Complement Output Bit.
56
D2/D8+
D2/D8 True Output Bit.
1
D3/D9−
D3/D9 Complement Output Bit.
2
D3/D9+
D3/D9 True Output Bit.
3
D4/D10−
D4/D10 Complement Output Bit.
4
D4/D10+
D4/D10 True Output Bit.
5
D5/D11−
D5/D11 Complement Output Bit (MSB).
6
D5/D11+
D5/D11 True Output Bit (MSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com