Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9230
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9230 Datasheet HTML 25Page - Analog Devices AD9230 Datasheet HTML 26Page - Analog Devices AD9230 Datasheet HTML 27Page - Analog Devices AD9230 Datasheet HTML 28Page - Analog Devices AD9230 Datasheet HTML 29Page - Analog Devices AD9230 Datasheet HTML 30Page - Analog Devices AD9230 Datasheet HTML 31Page - Analog Devices AD9230 Datasheet HTML 32Page - Analog Devices AD9230 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AD9230
Rev. 0 | Page 29 of 32
Addr.
(Hex)
Parameter Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Def.
Value
(Hex)
Default Notes/
Comments
17
flex_output_delay
Output
delay
enable:
0 =
enable
1 =
disable
Output clock delay:
00000 = 0.1 ns
00001 = 0.2 ns
00010 = 0.3 ns
…
11101 = 3.0 ns
11110 = 3.1 ns
11111 = 3.2 ns
0
18
flex_vref
Input voltage range setting:
10000 = 0.98 V
10001 =1.00 V
10010 = 1.02 V
10011 =1.04 V
…
11111 = 1.23 V
00000 = 1.25 V
00001 = 1.27 V
…
01110 = 1.48 V
01111 = 1.50 V
0
2A
ovr_config
OR
position
(DDR
mode
only):
0 = Pin 9,
Pin 10
1 =
Pin 21,
Pin 22
OR
enable:
1 = on
(default)
0 = off
00000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com