Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7323
Description  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7323 Datasheet HTML 3Page - Analog Devices AD7323 Datasheet HTML 4Page - Analog Devices AD7323 Datasheet HTML 5Page - Analog Devices AD7323 Datasheet HTML 6Page - Analog Devices AD7323 Datasheet HTML 7Page - Analog Devices AD7323 Datasheet HTML 8Page - Analog Devices AD7323 Datasheet HTML 9Page - Analog Devices AD7323 Datasheet HTML 10Page - Analog Devices AD7323 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AD7323
Data Sheet
Rev. B | Page 6 of 36
B Version
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Autoshutdown Mode (Static)
SCLK on or off
IDD
1
µA
VDD = 16.5 V
ISS
1
µA
VSS = −16.5 V
ICC and IDRIVE
1
µA
VCC/VDRIVE = 5.25 V
Full Shutdown Mode
SCLK on or off
IDD
1
µA
VDD = 16.5 V
ISS
1
µA
VSS = −16.5 V
ICC and IDRIVE
1
µA
VCC/VDRIVE = 5.25 V
POWER DISSIPATION
Normal Mode (Operational)
18
mW
VDD = 16.5 V, VSS = −16.5 V, VCC = 5.25 V
Full Shutdown Mode
38.25
µW
VDD = 16.5 V, VSS = −16.5 V, VCC = 5.25 V
1
Temperature range is −40°C to +85°C.
2
See the Terminology section.
3
Sample tested during initial release to ensure compliance.
4
Unipolar 0 V to 10 V range with straight binary output coding.
5
Bipolar range with twos complement output coding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com