Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 32 Page - Analog Devices

Part # AD7323
Description  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7323 Datasheet HTML 28Page - Analog Devices AD7323 Datasheet HTML 29Page - Analog Devices AD7323 Datasheet HTML 30Page - Analog Devices AD7323 Datasheet HTML 31Page - Analog Devices AD7323 Datasheet HTML 32Page - Analog Devices AD7323 Datasheet HTML 33Page - Analog Devices AD7323 Datasheet HTML 34Page - Analog Devices AD7323 Datasheet HTML 35Page - Analog Devices AD7323 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Data Sheet
AD7323
Rev. B | Page 31 of 36
POWER vs. THROUGHPUT RATE
The power consumption of the AD7323 varies with throughput
rate. The static power consumed by the AD7323 is very low, and
significant power savings can be achieved as the throughput
rate is reduced. Figure 49 and Figure 50 shows the power vs.
throughput rate for the AD7323 at a VCC of 3 V and 5 V, respec-
tively. Both plots clearly show that the average power consumed
by the AD7323 is greatly reduced as the sample frequency is
reduced. This is true whether a fixed SCLK value is used or if it
is scaled with the sampling frequency. Figure 49 and Figure 50
show the power consumption when operating in normal mode
for a variable SCLK that scales with the sampling frequency.
12
0
0
THROUGHPUT RATE (kSPS)
10
8
6
4
2
100
200
300
400
500
VARIABLE SCLK
VCC = 3V
VDD/VSS = ±12V
TA = 25°C
INTERNAL REFERENCE
Figure 49. Power vs. Throughput Rate with 3 V VCC
20
0
0
THROUGHPUT RATE (kSPS)
18
16
14
12
10
8
6
4
2
100
200
300
400
500
VARIABLE SCLK
VCC = 5V
VDD/VSS = ±12V
TA = 25°C
INTERNAL REFERENCE
Figure 50. Power vs. Throughput Rate with 5 V VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com