Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7323
Description  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7323 Datasheet HTML 16Page - Analog Devices AD7323 Datasheet HTML 17Page - Analog Devices AD7323 Datasheet HTML 18Page - Analog Devices AD7323 Datasheet HTML 19Page - Analog Devices AD7323 Datasheet HTML 20Page - Analog Devices AD7323 Datasheet HTML 21Page - Analog Devices AD7323 Datasheet HTML 22Page - Analog Devices AD7323 Datasheet HTML 23Page - Analog Devices AD7323 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Data Sheet
AD7323
Rev. B | Page 19 of 36
TYPICAL CONNECTION DIAGRAM
Figure 32 shows a typical connection diagram for the AD7323.
In this configuration, the AGND pin is connected to the analog
ground plane of the system, and the DGND pin is connected to
the digital ground plane of the system. The analog inputs on the
AD7323 can be configured to operate in single-ended, true
differential, or pseudo differential mode. The AD7323 can operate
with either an internal or external reference. In Figure 32, the
AD7323 is configured to operate with the internal 2.5 V reference.
A 680 nF decoupling capacitor is required when operating with
the internal reference.
The VCC pin can be connected to either a 3 V supply voltage or a
5 V supply voltage. VDD and VSS are the dual supplies for the
high voltage analog input structures. The voltage on these pins
must be equal to or greater than the highest analog input range
selected on the analog input channels (see Table 6). The VDRIVE
pin is connected to the supply voltage of the microprocessor.
The voltage applied to the VDRIVE input controls the voltage of
the serial interface. VDRIVE can be set to 3 V or 5 V.
AD7323
VCC
VDD1
SERIAL
INTERFACE
µC/µP
VIN0
VIN1
VIN2
VIN3
REFIN/OUT
CS
DOUT
VDRIVE
SCLK
DIN
DGND
10µF
0.1µF
+
10µF
0.1µF
+
10µF
0.1µF
ANALOG INPUTS
±10V, ±5V, ±2.5V
0V TO +10V
+15V
–15V
680nF
VSS1
VCC + 2.7V TO 5.25V
1MINIMUM VDD AND VSS SUPPLY VOLTAGES
DEPEND ON THE HIGHEST ANALOG INPUT
RANGE SELECTED.
AGND
10µF
0.1µF
+
+3V SUPPLY
Figure 32. Typical Connection Diagram
ANALOG INPUT
Single-Ended Inputs
The AD7323 has a total of four analog inputs when operating
the AD7323 in single-ended mode. Each analog input can be
independently programmed to one of the four analog input
ranges. In applications where the signal source is high
impedance, it is recommended to buffer the signal before
applying it to the ADC analog inputs. Figure 33 shows the
configuration of the AD7323 in single-ended mode.
AD73231
VINx
V+
V–
VDD
VSS
VCC
5V
AGND
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 33. Single-Ended Mode Typical Connection Diagram
True Differential Mode
The AD7323 can have a total of two true differential analog
input pairs. Differential signals have some benefits over single-
ended signals, including better noise immunity based on the
device’s common-mode rejection and improvements in distor-
tion performance. Figure 34 defines the configuration of the
true differential analog inputs of the AD7323.
AD73231
VIN+
VIN–
1ADDITIONAL PINS OMITTED FOR CLARITY.
NOTES
1. VIN+ CAN BE VIN0 OR VIN2, AND VIN– CAN BE VIN1 OR VIN3.
Figure 34. True Differential Inputs
The amplitude of the differential signal is the difference
between the signals applied to the VIN+ and VIN− inputs in
each differential pair (VIN+ − VIN−). VIN+ and VIN− should
be simultaneously driven by two signals, each of amplitude
±4 × VREF (depending on the input range selected) that are 180°
out of phase. Assuming the ±4 × VREF mode, the amplitude of
the differential signal is −20 V to +20 V p-p (2 × 4 × VREF),
regardless of the common mode.
The common mode is the average of the two signals
(VIN+ + VIN−)/2
and is therefore the voltage on which the two input signals are
centered.
This voltage is set up externally, and its range varies with
reference voltage. As the reference voltage increases, the
common-mode range decreases. When driving the differential
inputs with an amplifier, the actual common-mode range is
determined by the amplifier’s output swing. If the differential
inputs are not driven from an amplifier, the common-mode
range is determined by the supply voltage on the VDD supply pin
and the VSS supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com