Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7323
Description  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7323 Datasheet HTML 15Page - Analog Devices AD7323 Datasheet HTML 16Page - Analog Devices AD7323 Datasheet HTML 17Page - Analog Devices AD7323 Datasheet HTML 18Page - Analog Devices AD7323 Datasheet HTML 19Page - Analog Devices AD7323 Datasheet HTML 20Page - Analog Devices AD7323 Datasheet HTML 21Page - Analog Devices AD7323 Datasheet HTML 22Page - Analog Devices AD7323 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
AD7323
Data Sheet
Rev. B | Page 18 of 36
D
D
VDD
C2
R1
VIN+
VSS
C1
D
D
VDD
C2
R1
VIN–
VSS
C1
NOTES
1. VIN+ CAN BE VIN0 OR VIN2, AND VIN– CAN BE VIN1 OR VIN3.
Figure 30. Equivalent Analog Input Circuit (Differential)
Care should be taken to ensure that the analog input does not
exceed the VDD and VSS supply rails by more than 300 mV. Exceed-
ing this value causes the diodes to become forward biased and
to start conducting into either the VDD supply rail or VSS supply
rail. These diodes can conduct up to 10 mA without causing
irreversible damage to the part.
In Figure 29 and Figure 30, Capacitor C1 is typically 4 pF and
can primarily be attributed to pin capacitance. Resistor R1 is a
lumped component made up of the on resistance of the input
multiplexer and the track-and-hold switch. Capacitor C2 is the
sampling capacitor; its capacitance varies depending on the
analog input range selected (see the Specifications section).
Track-and-Hold Section
The track-and-hold on the analog input of the AD7323 allows
the ADC to accurately convert an input sine wave of full-scale
amplitude to 13-bit accuracy. The input bandwidth of the track-
and-hold is greater than the Nyquist rate of the ADC. The
AD7323 can handle frequencies up to 22 MHz.
The track-and-hold enters its tracking mode on the 14th SCLK
rising edge after the CS falling edge. The time required to
acquire an input signal depends on how quickly the sampling
capacitor is charged. With zero source impedance, 305 ns is
sufficient to acquire the signal to the 13-bit level. The
acquisition time required is calculated using the following
formula:
tACQ = 10 × ((RSOURCE + R) C)
where C is the sampling capacitance and R is the resistance seen
by the track-and-hold amplifier looking back on the input. For
the AD7323, the value of R includes the on resistance of the
input multiplexer and is typically 300 Ω. RSOURCE should include
any extra source impedance on the analog input.
The AD7323 enters track mode on the 14th SCLK rising edge.
When running the AD7323 at a throughput rate of 1 MSPS with
a 10 MHz SCLK signal, the ADC has approximately
1.5 SCLK + t8 + tQUIET
to acquire the analog input signal. The ADC goes back into
hold mode on the CS falling edge.
As the VDD/VSS supply voltage is reduced, the on resistance
of the input multiplexer increases. Therefore, based on the
equation for tACQ, it is necessary to increase the amount of
acquisition time provided to the AD7323, and therefore decrease
the overall throughput rate. Figure 31 shows that as the VDD and
VSS supplies are reduced, the specified THD performance
degrades slightly. If the throughput rate is reduced when operating
with the minimum VDD and VSS supplies, the specified THD
performance is maintained.
5
19
±VDD/VSS SUPPLIES (V)
7
9
11
13
15
17
–95
–75
–80
–85
–90
500kSPS
VCC = VDRIVE = 5V
INTERNAL REFERENCE
TA = 25°C
fIN = 10kHz
±5V RANGE
SE MODE
Figure 31. THD vs. ±VDD/VSS Supply Voltage at 500 kSPS
Unlike other bipolar ADCs, the AD7323 does not have a
resistive analog input structure. On the AD7323, the bipolar
analog signal is sampled directly onto the sampling capacitor.
This gives the AD7323 high analog input impedance. An
approximation for the analog input impedance can be
calculated from the following formula:
Z = 1/(fS × CS)
where fS is the sampling frequency and CS is the sampling
capacitor value.
CS depends on the analog input range chosen (see the
Specifications section). When operating at 500 kSPS, the
analog input impedance is typically 145 kΩ for the ±10 V
range. As the sampling frequency is reduced, the analog input
impedance further increases. As the analog input impedance
increases, the current required to drive the analog input
therefore decreases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com