Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7323
Description  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7323 Datasheet HTML 6Page - Analog Devices AD7323 Datasheet HTML 7Page - Analog Devices AD7323 Datasheet HTML 8Page - Analog Devices AD7323 Datasheet HTML 9Page - Analog Devices AD7323 Datasheet HTML 10Page - Analog Devices AD7323 Datasheet HTML 11Page - Analog Devices AD7323 Datasheet HTML 12Page - Analog Devices AD7323 Datasheet HTML 13Page - Analog Devices AD7323 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Data Sheet
AD7323
Rev. B | Page 9 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DGND
DOUT
VDRIVE
VIN2
VIN3
VDD
VCC
SCLK
AD7323
TOP VIEW
(Not to Scale)
DIN
DGND
AGND
VIN0
VSS
REFIN/OUT
CS
VIN1
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on
the AD7323 and frames the serial data transfer.
2
DIN
Data Input. Data to be written to the on-chip registers is provided on this input and is clocked into the
register on the falling edge of SCLK (see the Registers section).
3, 15
DGND
Digital Ground. Ground reference point for all digital circuitry on the AD7323. The DGND and AGND
voltages ideally should be at the same potential and must not be more than 0.3 V apart, even on a
transient basis.
4
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7323. All analog input signals
and any external reference signal should be referred to this AGND voltage. The AGND and DGND
voltages ideally should be at the same potential and must not be more than 0.3 V apart, even on a
transient basis.
5
REFIN/OUT
Reference Input/Reference Output. The on-chip reference is available on this pin for use external to the
AD7323. The nominal internal reference voltage is 2.5 V, which appears at this pin. A 680 nF capacitor
should be placed on the reference pin (see the Reference section). Alternatively, the internal reference
can be disabled and an external reference applied to this input. On power-up, the external reference
mode is the default condition.
6
VSS
Negative Power Supply Voltage. This is the negative supply voltage for the analog input section.
7, 8, 9, 10
VIN0 to VIN3
Analog Input 0 to Analog Input 3. The analog inputs are multiplexed into the on-chip track-and-hold.
The analog input channel for conversion is selected by programming the ADD1 and ADD0 channel
address bits in the control register. The inputs can be configured as four single-ended inputs, two true
differential input pairs, two pseudo differential inputs, or three pseudo differential inputs (see Table 10).
The configuration of the analog inputs is selected by programming the mode bits, Mode 1 and Mode 0,
in the control register. The input range on each input channel is controlled by programming the range
register. Input ranges of ±10 V, ±5 V, ±2.5 V, and 0 V to +10 V can be selected on each analog input
channel when a 2.5 V reference voltage is used (see the Registers section).
11
VDD
Positive Power Supply Voltage. This is the positive supply voltage for the analog input section.
12
VCC
Analog Supply Voltage, 2.7 V to 5.25 V. This is the supply voltage for the ADC core on the AD7323.
This supply should be decoupled to AGND.
13
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface
operates. This pin should be decoupled to DGND. The voltage at this pin may be different from that at
VCC, but it should not exceed VCC by more than 0.3 V.
14
DOUT
Serial Data Output. The conversion output data is supplied to this pin as a serial data stream. The bits
are clocked out on the falling edge of the SCLK input, and 16 SCLKs are required to access the data.
The data stream consists of a leading zero, two channel identification bits, the sign bit, and 12 bits of
conversion data. The data is provided MSB first (see the Serial Interface section).
16
SCLK
Serial Clock, Logic Input. A serial clock input provides the SCLK used for accessing the data from the
AD7323. This clock is also used as the clock source for the conversion process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com