Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7323
Description  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7323 Datasheet HTML 19Page - Analog Devices AD7323 Datasheet HTML 20Page - Analog Devices AD7323 Datasheet HTML 21Page - Analog Devices AD7323 Datasheet HTML 22Page - Analog Devices AD7323 Datasheet HTML 23Page - Analog Devices AD7323 Datasheet HTML 24Page - Analog Devices AD7323 Datasheet HTML 25Page - Analog Devices AD7323 Datasheet HTML 26Page - Analog Devices AD7323 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
AD7323
Data Sheet
Rev. B | Page 22 of 36
REGISTERS
The AD7323 has three programmable registers: the control
register, sequence register, and range register. These registers
are write-only registers.
ADDRESSING REGISTERS
A serial transfer on the AD7323 consists of 16 SCLK cycles. The
three MSBs on the DIN line during the 16 SCLK transfer are
decoded to determine which register is addressed. The three
MSBs consist of the write bit, the Register Select 1 bit, and the
Register Select 2 bit. The register select bits are used to
determine which of the three on-board registers is selected. The
write bit determines if the data on the DIN line following the
register select bits loads into the addressed register. If the write
bit is 1, the bits load into the register addressed by the register
select bits. If the write bit is 0, the data on the DIN line does not
load into any register.
Combinations of the write bit, the Register Select 1 bit, and the
Register Select 2 bit other than those specified in Table 8 access
registers for Analog Devices internal use only. Accessing these
registers may lead to unspecified operation of the device.
Table 8. Decoding Register Select Bits and Write Bit
Write
Register Select 1
Register Select 2
Description
0
0
0
Data on the DIN line during this serial transfer is ignored.
1
0
0
This combination selects the control register. The subsequent 12 bits are loaded into
the control register.
1
0
1
This combination selects the range register. The subsequent eight bits are loaded into
the range register.
1
1
1
This combination selects the sequence register. The subsequent four bits are loaded
into the sequence register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com