Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7323
Description  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7323 Datasheet HTML 7Page - Analog Devices AD7323 Datasheet HTML 8Page - Analog Devices AD7323 Datasheet HTML 9Page - Analog Devices AD7323 Datasheet HTML 10Page - Analog Devices AD7323 Datasheet HTML 11Page - Analog Devices AD7323 Datasheet HTML 12Page - Analog Devices AD7323 Datasheet HTML 13Page - Analog Devices AD7323 Datasheet HTML 14Page - Analog Devices AD7323 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AD7323
Data Sheet
Rev. B | Page 10 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
0
–140
0
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
50
100
150
200
250
4096 POINT FFT
VCC = VDRIVE = 5V
VDD, VSS = ±15V
TA = 25°C
INT/EXT 2.5V REFERENCE
±10V RANGE
fIN = 50kHz
SNR = 77.30dB
SINAD = 76.85dB
THD = –86.96dB
SFDR = –88.22dB
Figure 4. FFT True Differential Mode
0
–140
0
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
50
100
150
200
250
4096 POINT FFT
VCC = VDRIVE = 5V
VDD, VSS = ±15V
TA = 25°C
INT/EXT 2.5V REFERENCE
±10V RANGE
fIN = 50kHz
SNR = 74.67dB
SINAD = 74.03dB
THD = –82.68dB
SFDR = –85.40dB
Figure 5. FFT Single-Ended Mode
1.0
–1.0
0
8192
CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1024
2048
3072
4096
5120
6144
7168
512
1536
2560
3584
4608
5632
6656
7680
VCC = VDRIVE = 5V
TA = 25°C
VDD, VSS = ±15V
INT/EXT 2.5V REFERENCE
±10V RANGE
+DNL = +0.72LSB
–DNL = –0.22LSB
Figure 6. Typical DNL True Differential Mode
1.0
–1.0
0
8192
CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1024
2048
3072
4096
5120
6144
7168
512
1536
2560
3584
4608
5632
6656
7680
VCC = VDRIVE = 5V
TA = 25°C
VDD, VSS = ±15V
INT/EXT 2.5V REFERENCE
±10V RANGE
+INL = +0.55LSB
–INL = –0.68LSB
Figure 7. Typical INL True Differential Mode
1.0
–1.0
0
8192
CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1024
2048
3072
4096
5120
6144
7168
512
1536
2560
3584
4608
5632
6656
7680
VCC = VDRIVE = 5V
TA = 25°C
VDD, VSS = ±15V
INT/EXT 2.5V REFERENCE
±10V RANGE
+DNL = +0.79LSB
–DNL = –0.38LSB
Figure 8. Typical DNL Single-Ended Mode
1.0
–1.0
0
8192
CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1024
2048
3072
4096
5120
6144
7168
512
1536
2560
3584
4608
5632
6656
7680
VCC = VDRIVE = 5V
TA = 25°C
VDD, VSS = ±15V
INT/EXT 2.5V REFERENCE
±10V RANGE
+INL = +0.87LSB
–INL = –0.49LSB
Figure 9. Typical INL Single-Ended Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com