Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7323
Description  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 1 Page - Analog Devices

  AD7323 Datasheet HTML 1Page - Analog Devices AD7323 Datasheet HTML 2Page - Analog Devices AD7323 Datasheet HTML 3Page - Analog Devices AD7323 Datasheet HTML 4Page - Analog Devices AD7323 Datasheet HTML 5Page - Analog Devices AD7323 Datasheet HTML 6Page - Analog Devices AD7323 Datasheet HTML 7Page - Analog Devices AD7323 Datasheet HTML 8Page - Analog Devices AD7323 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
500 kSPS, 4-Channel, Software-Selectable,
True Bipolar Input, 12-Bit Plus Sign ADC
Data Sheet
AD7323
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
12-bit plus sign SAR ADC
True bipolar input ranges
Software-selectable input ranges
±10 V, ±5 V, ±2.5 V, 0 V to +10 V
500 kSPS throughput rate
Four analog input channels with channel sequencer
Single-ended, true differential, and pseudo differential
analog input capability
High analog input impedance
Low power: 18 mW
Full power signal bandwidth: 22 MHz
Internal 2.5 V reference
High speed serial interface
Power-down modes
16-lead TSSOP package
i
CMOS process technology
FUNCTIONAL BLOCK DIAGRAM
VIN0
DOUT
SCLK
CS
DIN
VDRIVE
VIN1
VIN2
VIN3
VDD
REFIN/OUT
VCC
AGND
VSS
DGND
CONTROL LOGIC
AND REGISTERS
13-BIT
SUCCESSIVE
APPROXIMATION
ADC
T/H
2.5V
VREF
I/P
MUX
CHANNEL
SEQUENCER
AD7323
Figure 1.
GENERAL DESCRIPTION
The AD73231 is a 4-channel, 12-bit plus sign successive
approximation analog-to-digital converter (ADC) designed on
the iCMOS™ (industrial CMOS) process. iCMOS is a process
combining high voltage silicon with submicron CMOS and
complementary bipolar technologies. It enables the development
of a wide range of high performance analog ICs capable of 33 V
operation in a footprint that no previous generation of high
voltage parts could achieve. Unlike analog ICs using conven-
tional CMOS processes, iCMOS components can accept bipolar
input signals while providing increased performance, dramati-
cally reduced power consumption, and reduced package size.
The AD7323 can accept true bipolar analog input signals. The
AD7323 has four software selectable input ranges, ±10 V, ±5 V,
±2.5 V, and 0 V to +10 V. Each analog input channel can be
independently programmed to one of the four input ranges.
The analog input channels on the AD7323 can be programmed
to be single-ended, true differential, or pseudo differential.
The ADC contains a 2.5 V internal reference. The AD7323 also
allows for external reference operation. If a 3 V reference is
applied to the REFIN/OUT pin, the AD7323 can accept a true
bipolar ±12 V analog input. Minimum ±12 V VDD and VSS
supplies are required for the ±12 V input range. The ADC has a
high speed serial interface that can operate at throughput rates
up to 500 kSPS.
PRODUCT HIGHLIGHTS
1. The AD7323 can accept true bipolar analog input signals,
±10 V, ±5 V, and ±2.5 V, and 0 V to +10 V unipolar signals.
2. The four analog inputs can be configured as four single-
ended inputs, two true differential input pairs, two pseudo
differential inputs, or three pseudo differential inputs.
3. 500 kSPS serial interface. SPI-/QSPI™-/DSP-/MICROWIRE™-
compatible interface.
4. Low power, 18 mW, at a maximum throughput rate of
500 kSPS.
5. Channel sequencer.
Table 1. Similar Devices
Device
Number
Throughput
Rate
Number of bits
Number of
Channels
AD7329
1000 kSPS
12-bit plus sign
8
AD7328
1000 kSPS
12-bit plus sign
8
AD7327
500 kSPS
12-bit plus sign
8
AD7324
1000 kSPS
12-bit plus sign
4
AD7322
1000 kSPS
12-bit plus sign
2
AD7321
500 kSPS
12-bit plus sign
2
1
Protected by U.S. Patent No. 6,731,232.


Similar Part No. - AD7323

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7323 AD-AD7323 Datasheet
732Kb / 36P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
1/06-Revision 0
AD7323BRUZ AD-AD7323BRUZ Datasheet
732Kb / 36P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
1/06-Revision 0
AD7323BRUZ-REEL AD-AD7323BRUZ-REEL Datasheet
732Kb / 36P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
1/06-Revision 0
AD7323BRUZ-REEL7 AD-AD7323BRUZ-REEL7 Datasheet
732Kb / 36P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
1/06-Revision 0
AD7323 AD-AD7323_15 Datasheet
874Kb / 37P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
More results

Similar Description - AD7323

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7323 AD-AD7323 Datasheet
732Kb / 36P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
1/06-Revision 0
AD7324 AD-AD7324 Datasheet
591Kb / 36P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7328 AD-AD7328 Datasheet
880Kb / 36P
8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com