Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7323
Description  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7323 Datasheet HTML 26Page - Analog Devices AD7323 Datasheet HTML 27Page - Analog Devices AD7323 Datasheet HTML 28Page - Analog Devices AD7323 Datasheet HTML 29Page - Analog Devices AD7323 Datasheet HTML 30Page - Analog Devices AD7323 Datasheet HTML 31Page - Analog Devices AD7323 Datasheet HTML 32Page - Analog Devices AD7323 Datasheet HTML 33Page - Analog Devices AD7323 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Data Sheet
AD7323
Rev. B | Page 29 of 36
MODES OF OPERATION
The AD7323 has several modes of operation that are designed
to provide flexible power management options. These options
can be chosen to optimize the power dissipation/throughput
rate ratio for different application requirements. The mode of
operation of the AD7323 is controlled by the power management
bits, Bit PM1 and Bit PM0, in the control register as shown in
Table 11. The default mode is normal mode, where all internal
circuitry is fully powered up.
NORMAL MODE (PM1 = PM0 = 0)
This mode is intended for the fastest throughput rate performance
with the AD7323 being fully powered up at all times. Figure 46
shows the general operation of the AD7323 in normal mode.
The conversion is initiated on the falling edge of CS, and the
track-and-hold section enters hold mode, as described in the
Serial Interface section. Data on the DIN line during the 16 SCLK
transfer is loaded into one of the on-chip registers if the write
bit is set. The register is selected by programming the register
select bits (see Table 8).
1
16
LEADING ZERO, 2 CHANNEL I.D. BITS, SIGN BIT +
CONVERSION RESULT
DATA INTO CONTROL/SEQUENCE/RANGE REGISTER
SCLK
CS
DOUT
DIN
Figure 46. Normal Mode
The AD7323 remains fully powered up at the end of the
conversion if both PM1 and PM0 contain 0 in the control
register.
To complete the conversion and access the conversion result,
16 serial clock cycles are required. At the end of the conversion,
CS can idle either high or low until the next conversion.
Once the data transfer is complete, another conversion can be
initiated after the quiet time, tQUIET, has elapsed.
FULL SHUTDOWN MODE (PM1 = PM0 = 1)
In this mode, all internal circuitry on the AD7323 is powered
down. The part retains information in the registers during full
shutdown. The AD7323 remains in full shutdown mode until
the power management bits, Bit PM1 and Bit PM0, in the
control register are changed.
A write to the control register with PM1 = 1 and PM0 = 1 places
the part into full shutdown mode. The AD7323 enters full shut-
down mode on the 15th SCLK rising edge once the control register
is updated.
If a write to the control register occurs while the part is in full
shutdown mode with the power management bits, Bit PM1 and
Bit PM0, set to 0 (normal mode), the part begins to power up
on the 15th SCLK rising edge once the control register is
updated. Figure 47 shows how the AD7323 is configured to exit
full shutdown mode. To ensure the AD7323 is fully powered up,
tPOWER-UP should elapse before the next CS falling edge.
CS
1
16
1
16
SCLK
SDATA
DIN
INVALID DATA
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
DATA INTO CONTROL REGISTER
DATA INTO CONTROL REGISTER
tPOWER-UP
THE PART IS FULLY POWERED UP
ONCE
tPOWER-UP HAS ELAPSED
CONTROL REGISTER IS LOADED ON THE FIRST 15 CLOCKS,
PM1 = 0, PM0 = 0
TO KEEP THE PART IN NORMAL MODE, LOAD PM1 = PM0 = 0
IN CONTROL REGISTER
PART IS IN FULL
SHUTDOWN
PART BEGINS TO POWER UP ON THE 15TH
SCLK RISING EDGE AS PM1 = PM0 = 0
Figure 47. Exiting Full Shutdown Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com