Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7323
Description  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7323 Datasheet HTML 24Page - Analog Devices AD7323 Datasheet HTML 25Page - Analog Devices AD7323 Datasheet HTML 26Page - Analog Devices AD7323 Datasheet HTML 27Page - Analog Devices AD7323 Datasheet HTML 28Page - Analog Devices AD7323 Datasheet HTML 29Page - Analog Devices AD7323 Datasheet HTML 30Page - Analog Devices AD7323 Datasheet HTML 31Page - Analog Devices AD7323 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Data Sheet
AD7323
Rev. B | Page 27 of 36
If a change to the range register is required during a sequence, it
is necessary to first stop the sequence by writing to the control
register and setting Seq1 to 0 and Seq2 to 0. Next, the write to
the range register should be completed to change the required
range. The previously selected sequence can be initiated again
by writing to the control register and setting Seq1 to 0 and Seq2
to 1. The ADC converts on the first channel in the sequence.
The AD7323 can be configured to convert a sequence of
consecutive channels (see Figure 45). This sequence begins by
converting on Channel 0 and ends with a final channel as
selected by Bit ADD1 to Bit ADD0 in the control register. In
this configuration, there is no need for a write to the sequence
register. To operate the AD7323 in this mode, set Seq1 to 1 and
Seq2 to 0, and then select the final channel in the sequence by
programming Bit ADD1 to Bit ADD0 in the control register.
Once the control register is configured to operate the AD7323
in this mode, the DIN line can be held low, or the write bit can
be set to 0. To return to traditional multichannel operation, a
write to the control register to set Seq1 to 0 and Seq2 to 0 is
necessary.
When Seq1 and Seq2 are both set to 0, or when both are set
to 1, the AD7323 is configured to operate in traditional multi-
channel mode, in which a write to Channel Address Bit ADD1
to Bit ADD0 in the control register selects the next channel for
conversion.
DIN: WRITE TO RANGE REGISTER TO SELECT THE RANGE
FOR ANALOG INPUT CHANNELS.
DOUT: CONVERSION RESULT FROM CHANNEL 0, ±10V
RANGE, SINGLE-ENDED MODE.
CS
DIN: WRITE BIT = 0 OR DIN LINE HELD LOW TO CONTINUE
THROUGH SEQUENCE OF CONSECUTIVE CHANNELS.
DOUT: CONVERSION RESULT FROM CHANNEL 1,
RANGE SELECTED IN RANGE REGISTER.
CS
DIN: WRITE BIT = 0 OR DIN LINE HELD LOW TO CONTINUE
TO CONVERT THROUGH THE SEQUENCE OF
CONSECUTIVE CHANNELS.
DOUT: CONVERSION RESULT FROM CHANNEL 0,
RANGE SELECTED IN RANGE REGISTER.
CS
DIN: WRITE TO CONTROL REGISTER TO SELECT THE FINAL
CHANNEL IN THE CONSECUTIVE SEQUENCE, SET Seq1 = 1
AND Seq2 = 0. SELECT OUTPUT CODING FOR SEQUENCE.
DOUT: CONVERSION RESULT FROM CHANNEL 0,
RANGE SELECTED IN RANGE REGISTER,
SINGLE-ENDED MODE.
CS
POWER ON.
DIN TIED LOW/WRITE BIT = 0.
CONTINUOUSLY CONVERT
ON CONSECUTIVE SEQUENCE
OF CHANNELS.
DIN: WRITE TO CONTROL
REGISTER TO STOP THE
SEQUENCE, Seq1 = 0, Seq2 = 0.
DOUT: CONVERSION RESULT
FROM CHANNEL IN SEQUENCE.
CS
STOPPING
A SEQUENCE.
Figure 45. Flowchart for Consecutive Sequence of Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com