Electronic Components Datasheet Search
  English  ▼

X  

AD7329 Datasheet(PDF) 35 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7329 Datasheet HTML 31Page - Analog Devices AD7329 Datasheet HTML 32Page - Analog Devices AD7329 Datasheet HTML 33Page - Analog Devices AD7329 Datasheet HTML 34Page - Analog Devices AD7329 Datasheet HTML 35Page - Analog Devices AD7329 Datasheet HTML 36Page - Analog Devices AD7329 Datasheet HTML 37Page - Analog Devices AD7329 Datasheet HTML 38Page - Analog Devices AD7329 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
AD7329
Data Sheet
POWER VS. THROUGHPUT RATE
The power consumption of the AD7329 varies with throughput
rate. The static power consumed by the AD7329 is very low, and
significant power savings can be achieved as the throughput rate is
reduced. Figure 55 and Figure 56 show the power vs. throughput
rate for the AD7329 at a VCC of 3 V and 5 V, respectively. Both
plots clearly show that the average power consumed by the AD7329
is greatly reduced as the sample frequency is reduced. This is true
whether a fixed SCLK value is used or if the SCLK value is scaled
with the sampling frequency. Figure 55 and Figure 56 show the
power consumption when operating the device in normal mode
for a fixed 20 MHz SCLK and a variable SCLK that scales with
the sampling frequency.
12
0
0
1100
THROUGHPUT RATE (kSPS)
10
8
6
4
2
100
200
300
400
500
600
700
800
900 1000
VARIABLE SCLK
20MHz SCLK
VCC = 3V
VDD = 12V, VSS = –12V
TA = 25°C
INTERNAL REFERENCE
Figure 55. Power vs. Throughput Rate with 3 V VCC
20
0
0
1000
THROUGHPUT RATE (kHz)
18
16
14
12
10
8
6
4
2
100
200
300
400
500
600
700
800
900
20MHz SCLK
VARIABLE SCLK
VCC = 5V
VDD = 12V, VSS = –12V
TA = 25°C
INTERNAL REFERENCE
Figure 56. Power vs. Throughput Rate with 5 V VCC
Rev. C | Page 34 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com