Electronic Components Datasheet Search
  English  ▼

X  

AD7329 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7329 Datasheet HTML 29Page - Analog Devices AD7329 Datasheet HTML 30Page - Analog Devices AD7329 Datasheet HTML 31Page - Analog Devices AD7329 Datasheet HTML 32Page - Analog Devices AD7329 Datasheet HTML 33Page - Analog Devices AD7329 Datasheet HTML 34Page - Analog Devices AD7329 Datasheet HTML 35Page - Analog Devices AD7329 Datasheet HTML 36Page - Analog Devices AD7329 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
AD7329
Data Sheet
MODES OF OPERATION
The AD7329 has several modes of operation that are designed
to provide flexible power management options. These options
can be chosen to optimize the power dissipation/throughput
rate ratio for different application requirements. The mode of
operation of the AD7329 is controlled by the power management
bits, Bit PM1 and Bit PM0, in the control register as shown in
Table 13. The default mode is normal mode, where all internal
circuitry is fully powered up.
NORMAL MODE
(PM1 = PM0 = 0)
This mode is intended for the fastest throughput rate
performance with the AD7329 being fully powered up at all
times. Figure 52 shows the general operation of the AD7329
in normal mode.
The conversion is initiated on the falling edge of CS, and the
track-and-hold section enters hold mode, as described in the
Serial Interface section. The data on the DIN line during the
16 SCLK transfer is loaded into one of the on-chip registers if
the write bit is set. The register is selected by programming the
register select bits (see Table 10).
1
16
3 CHANNEL I.D. BITS, SIGN BIT + CONVERSION RESULT
DATA INTO CONTROL/SEQUENCE/RANGE1/RANGE2
REGISTER
SCLK
CS
DOUT
DIN
Figure 52. Normal Mode
The AD7329 remains fully powered up at the end of the
conversion if both PM1 and PM0 contain 0 in the control
register.
To complete the conversion and access the conversion result,
16 serial clock cycles are required. At the end of the conversion,
CS can idle either high or low until the next conversion.
After the data transfer is complete, another conversion can be
initiated after the quiet time, tQUIET, has elapsed.
FULL SHUTDOWN MODE
(PM1 = PM0 = 1)
In this mode, all internal circuitry on the AD7329 is powered
down. The part retains information in the registers during full
shutdown. The AD7329 remains in full shutdown mode until
the power management bits, Bit PM1 and Bit PM0, in the
control register are changed.
A write to the control register with PM1 = PM0 = 1 places the
part into full shutdown mode. The AD7329 enters full shutdown
mode on the 15th SCLK rising edge when the control register is
updated.
If a write to the control register occurs while the part is in full
shutdown mode with the power management bits, Bit PM1 and
Bit PM0, set to 0 (normal mode), the part begins to power up on
the 15th SCLK rising edge when the control register is updated.
Figure 53 shows how the AD7329 is configured to exit full
shutdown mode. To ensure that the AD7329 is fully powered
up, tPOWER-UP should elapse before the next CS falling edge.
CS
1
16
1
16
SCLK
SDATA
DIN
INVALID DATA
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
DATA INTO CONTROL REGISTER
DATA INTO CONTROL/SHADOW REGISTER
tPOWER-UP
THE PART IS FULLY POWERED UP
ONCE
tPOWER-UP HAS ELAPSED
CONTROL REGISTER IS LOADED ON THE FIRST 15 CLOCKS.
PM1 = PM0 = 0
TO KEEP THE PART IN NORMAL MODE, LOAD PM1 = PM0 = 0
IN CONTROL REGISTER
PART IS IN FULL
SHUTDOWN
THE PART BEGINS TO POWER UP ON THE
15TH SCLK RISING EDGE AS PM1 = PM0 = 0
Figure 53. Exiting Full Shutdown Mode
Rev. C | Page 32 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com