Electronic Components Datasheet Search
  English  ▼

X  

AD7329 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7329 Datasheet HTML 3Page - Analog Devices AD7329 Datasheet HTML 4Page - Analog Devices AD7329 Datasheet HTML 5Page - Analog Devices AD7329 Datasheet HTML 6Page - Analog Devices AD7329 Datasheet HTML 7Page - Analog Devices AD7329 Datasheet HTML 8Page - Analog Devices AD7329 Datasheet HTML 9Page - Analog Devices AD7329 Datasheet HTML 10Page - Analog Devices AD7329 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
AD7329
Data Sheet
B Version
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
CONVERSION RATE
Conversion Time
800
ns
16 SCLK cycles with SCLK = 20 MHz
Track-and-Hold Acquisition
Time2, 3
300
ns
Full-scale step input; see the Terminology section
Throughput Rate
1
MSPS
VCC = 4.75 V to 5.25 V; see the Serial Interface section
770
kSPS
VCC < 4.75 V
POWER REQUIREMENTS
Digital inputs = 0 V or VDRIVE
VDD
12
16.5
V
See Table 6
VSS
−12
−16.5
V
See Table 6
VCC
2.7
5.25
V
See Table 6; typical specifications for VCC < 4.75 V
VDRIVE
2.7
5.25
V
Normal Mode (Static)
0.9
mA
VDD= 16.5, VSS = −16.5 V, VCC = VDRIVE = 5.25 V
Normal Mode (Operational)
fS = 1 MSPS
IDD
360
µA
VDD = 16.5 V
ISS
410
µA
VSS = −16.5 V
ICC and IDRIVE
3.4
mA
VCC = VDRIVE = 5.25 V
Autostandby Mode (Dynamic)
fS = 250 kSPS
IDD
200
µA
VDD = 16.5 V
ISS
210
µA
VSS = −16.5 V
ICC and IDRIVE
1.3
mA
VCC = VDRIVE = 5.25 V
Autoshutdown Mode (Static)
SCLK on or off
IDD
1
µA
VDD = 16.5 V
ISS
1
µA
VSS = −16.5 V
ICC and IDRIVE
1
µA
VCC = VDRIVE = 5.25 V
Full Shutdown Mode
SCLK on or off
IDD
1
µA
VDD = 16.5 V
ISS
1
µA
VSS = −16.5 V
ICC and IDRIVE
1
µA
VCC = VDRIVE = 5.25 V
POWER DISSIPATION
Normal Mode (Operational)
31
mW
VDD = 16.5 V, VSS = −16.5 V, VCC = 5.25 V
21
mW
VDD = 12 V, VSS = −12 V, VCC = 5 V
Full Shutdown Mode
38.25
µW
VDD = 16.5 V, VSS = −16.5 V, VCC = 5.25 V
1
Temperature range is −40°C to +85°C.
2
See the Terminology section.
3
Sample tested during initial release to ensure compliance.
4
For dc accuracy specifications, the LSB size for differential mode is FSR/8192. For single-ended mode/pseudo differential mode, the LSB size is FSR/4096, unless
otherwise noted.
5
Unipolar 0 V to 10 V range with straight binary output coding.
6
Bipolar range with twos complement output coding.
Rev. C | Page 6 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com