Electronic Components Datasheet Search
  English  ▼

X  

AD7329 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7329 Datasheet HTML 27Page - Analog Devices AD7329 Datasheet HTML 28Page - Analog Devices AD7329 Datasheet HTML 29Page - Analog Devices AD7329 Datasheet HTML 30Page - Analog Devices AD7329 Datasheet HTML 31Page - Analog Devices AD7329 Datasheet HTML 32Page - Analog Devices AD7329 Datasheet HTML 33Page - Analog Devices AD7329 Datasheet HTML 34Page - Analog Devices AD7329 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
AD7329
Data Sheet
If a change to one of the range registers is required during a
sequence, it is necessary to first stop the sequence by writing to
the control register and setting SEQ1 to 0 and SEQ2 to 0. Next,
write to the range register to change the required range. The
previously selected sequence should then be initiated again by
writing to the control register and setting SEQ1 to 0 and SEQ2
to 1. The ADC converts the first channel in the sequence.
The AD7329 can be configured to convert a sequence of
consecutive channels (see Figure 49). This sequence begins by
converting on Channel 0 and ends with a final channel as
selected by Bit ADD2 to Bit ADD0 in the control register. In
this configuration, there is no need for a write to the sequence
register. To operate the AD7329 in this mode, set SEQ1 to 1 and
SEQ2 to 0 in the control register, and then select the final channel
in the sequence by programming Bit ADD2 to Bit ADD0 in the
control register.
After the control register is configured to operate the AD7329
in this mode, the DIN line can be held low or the write bit can
be set to 0. To return to traditional multichannel operation, a
write to the control register to set SEQ1 to 0 and SEQ2 to 0 is
necessary.
When SEQ1 and SEQ2 are both set to 0 or to 1, the AD7329 is
configured to operate in traditional multichannel mode, where
a write to Channel Address Bit ADD2 to Bit ADD0 in the control
register selects the next channel for conversion.
DIN: WRITE TO RANGE REGISTER 1 TO SELECT THE RANGE
FOR ANALOG INPUT CHANNELS.
DOUT: CONVERSION RESULT FROM CHANNEL 0, ±10V
RANGE, SINGLE-ENDED MODE.
CS
DIN: WRITE BIT = 0 OR DIN LINE HELD LOW TO CONTINUE
THROUGH SEQUENCE OF CONSECUTIVE CHANNELS.
DOUT: CONVERSION RESULT FROM CHANNEL 1,
RANGE SELECTED IN RANGE REGISTER 1.
CS
DIN: WRITE TO RANGE REGISTER 2 TO SELECT THE RANGE
FOR ANALOG INPUT CHANNELS.
DOUT: CONVERSION RESULT FROM CHANNEL 0,
RANGE SELECTED IN RANGE REGISTER 1,
SINGLE-ENDED MODE.
CS
DIN: WRITE BIT = 0 OR DIN LINE HELD LOW TO CONTINUE
TO CONVERT THROUGH THE SEQUENCE OF
CONSECUTIVE CHANNELS.
DOUT: CONVERSION RESULT FROM CHANNEL 0,
RANGE SELECTED IN RANGE REGISTER 1.
CS
DIN: WRITE TO CONTROL REGISTER TO SELECT THE FINAL
CHANNEL IN THE CONSECUTIVE SEQUENCE, SET SEQ1 = 1
AND SEQ2 = 0. SELECT OUTPUT CODING FOR SEQUENCE.
DOUT: CONVERSION RESULT FROM CHANNEL 0,
RANGE SELECTED IN RANGE REGISTER 1,
SINGLE-ENDED MODE.
CS
POWER ON.
DIN TIED LOW/WRITE BIT = 0.
CONTINUOUSLY CONVERT
ON CONSECUTIVE SEQUENCE
OF CHANNELS.
DIN: WRITE TO CONTROL
REGISTER TO STOP THE
SEQUENCE, SEQ1 = 0, SEQ2 = 0.
DOUT: CONVERSION RESULT
FROM CHANNEL IN SEQUENCE.
CS
STOP
A SEQUENCE.
Figure 49. Flowchart for Consecutive Sequence of Channels
Rev. C | Page 30 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com