Electronic Components Datasheet Search
  English  ▼

X  

AD7329 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7329 Datasheet HTML 19Page - Analog Devices AD7329 Datasheet HTML 20Page - Analog Devices AD7329 Datasheet HTML 21Page - Analog Devices AD7329 Datasheet HTML 22Page - Analog Devices AD7329 Datasheet HTML 23Page - Analog Devices AD7329 Datasheet HTML 24Page - Analog Devices AD7329 Datasheet HTML 25Page - Analog Devices AD7329 Datasheet HTML 26Page - Analog Devices AD7329 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
AD7329
Data Sheet
Pseudo Differential Inputs
The AD7329 can have four pseudo differential pairs or seven
pseudo differential inputs referenced to a common VIN− pin.
The VIN+ inputs are coupled to the signal source and must have
an amplitude within the selected range for that channel, as
programmed in the range register. A dc input is applied to the
VIN− pin. The voltage applied to this input provides an offset for
the VIN+ input from ground or pseudo ground. Pseudo differential
inputs separate the analog input signal ground from the ADC
ground, allowing cancellation of dc common-mode voltages.
Figure 42 shows the configuration of the AD7329 in pseudo
differential mode.
See Figure 28 and Figure 29 for the output transfer
characteristic when a conversion takes place.
AD73291
VIN+
V+
V–
VDD
VSS
VCC
5V
1ADDITIONAL PINS OMITTED FOR CLARITY.
VIN–
Figure 42. Pseudo Differential Inputs
Figure 43 and Figure 44 show the typical voltage range on the
VIN− pin for various analog input ranges when configured in
the pseudo differential mode.
For example, when the AD7329 is configured to operate in
pseudo differential mode and the ±5 V range is selected with
16.5 V VDD, −16.5 V VSS, and 5 V VCC, the voltage on the VIN−
pin can vary from −6.5 V to +6.5 V.
8
–8
6
4
2
0
–2
–4
–6
±2.5V
RANGE
±10V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
0V TO +10V
RANGE
0V TO +10V
RANGE
±16.5V VDD/VSS
±12V VDD/VSS
VCC = 5V
VREF = 2.5V
Figure 43. Pseudo Differential Input Range with VCC = 5 V
±2.5V
RANGE
±10V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
0V TO +10V
RANGE
0V TO +10V
RANGE
±16.5V VDD/VSS
±12V VDD/VSS
4
–8
2
0
–2
–4
–6
VCC = 3V
VREF = 2.5V
Figure 44. Pseudo Differential Input Range with VCC = 3 V
Rev. C | Page 22 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com