Electronic Components Datasheet Search
  English  ▼

X  

AD7329 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7329 Datasheet HTML 2Page - Analog Devices AD7329 Datasheet HTML 3Page - Analog Devices AD7329 Datasheet HTML 4Page - Analog Devices AD7329 Datasheet HTML 5Page - Analog Devices AD7329 Datasheet HTML 6Page - Analog Devices AD7329 Datasheet HTML 7Page - Analog Devices AD7329 Datasheet HTML 8Page - Analog Devices AD7329 Datasheet HTML 9Page - Analog Devices AD7329 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Data Sheet
AD7329
B Version
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG INPUT
Input Voltage Ranges
Reference = 2.5 V; see Table 6
(Programmed via Range
Register)
±10
V
VDD = 10 V min, VSS = −10 V min, VCC = 2.7 V to 5.25 V
±5
V
VDD = 5 V min, VSS = −5 V min, VCC = 2.7 V to 5.25 V
±2.5
V
VDD = 5 V min, VSS = − 5 V min, VCC = 2.7 V to 5.25 V
0 to 10
V
VDD = 10 V min, VSS = AGND min, VCC = 2.7 V to 5.25 V
Pseudo Differential VIN−
Input Range
VDD = 16.5 V, VSS = −16.5 V, VCC = 5 V; see Figure 43 and
Figure 44
±3.5
V
Reference = 2.5 V; range = ±10 V
±6
V
Reference = 2.5 V; range = ±5 V
±5
V
Reference = 2.5 V; range = ±2.5 V
+3/−5
V
Reference = 2.5 V; range = 0 V to +10 V
DC Leakage Current
±100
nA
VIN = VDD or VSS
3
nA
Per channel, VIN = VDD or VSS
Input Capacitance3
16
pF
When in track, all ranges, single ended
ADCIN± Capacitance3
7
pF
When in track, ±10 V range, single ended
10
pF
When in track, ±5 V range, single ended
14.5
pF
When in track, ±2.5 V range, single ended
10.5
pF
When in track, 0 V to +10 V range, single ended
4.0
pF
When in hold, all ranges, single ended
MUXOUT− Capacitance3
7.5
pF
All ranges, single ended
MUXOUT+ Capacitance3
13
pF
All ranges, single ended
REFERENCE INPUT/OUTPUT
Input Voltage Range
2.5
3
V
Input DC Leakage Current
±1
µA
Input Capacitance
10
pF
Reference Output Voltage
2.5
V
Reference Output Voltage Error
at 25°C
±5
mV
Reference Output Voltage
TMIN to TMAX
±10
mV
Reference Temperature
Coefficient
25
ppm/°C
3
ppm/°C
Reference Output Impedance
7
Ω
LOGIC INPUTS
Input High Voltage, VINH
2.4
V
Input Low Voltage, VINL
0.8
V
VCC = 4.75 V to 5.25 V
0.4
V
VCC = 2.7 to 3.6 V
Input Current, IIN
±1
µA
VIN = 0 V or VDRIVE
Input Capacitance, CIN3
10
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE −
0.2 V
V
ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
V
ISINK = 200 µA
Floating-State Leakage Current
±1
µA
Floating-State Output
Capacitance3
5
pF
Output Coding
Straight natural binary
Coding bit set to 1 in control register
Twos complement
Coding bit set to 0 in control register
Rev. C | Page 5 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com