Electronic Components Datasheet Search
  English  ▼

X  

AD7329 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 1 Page - Analog Devices

  AD7329 Datasheet HTML 1Page - Analog Devices AD7329 Datasheet HTML 2Page - Analog Devices AD7329 Datasheet HTML 3Page - Analog Devices AD7329 Datasheet HTML 4Page - Analog Devices AD7329 Datasheet HTML 5Page - Analog Devices AD7329 Datasheet HTML 6Page - Analog Devices AD7329 Datasheet HTML 7Page - Analog Devices AD7329 Datasheet HTML 8Page - Analog Devices AD7329 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1 MSPS, 8-Channel, Software-Selectable,
True Bipolar Input, 12-Bit Plus Sign ADC
Data Sheet
AD7329
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
12-bit plus sign SAR ADC
True bipolar input ranges
Software-selectable input ranges
±10 V, ±5 V, ±2.5 V, 0 V to +10 V
1 MSPS throughput rate
8 analog input channels with channel sequencer
Single-ended true differential and pseudo differential
analog input capability
High analog input impedance
MUXOUT and ADCIN pins allow separate access to mux and ADC
Low power: 21 mW
Temperature indicator
Full power signal bandwidth: 20 MHz
Internal 2.5 V reference
High speed serial interface
iCMOS process technology
24-lead TSSOP package
Power-down modes
FUNCTIONAL BLOCK DIAGRAM
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
AD7329
AGND
VSS
VDRIVE
DIN
CS
SCLK
DOUT
VCC
REFIN/REFOUT
VDD
ADCIN–ADCIN+
MUXOUT+MUXOUT–
T/H
CHANNEL
SEQUENCER
13-BIT SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC AND
REGISTERS
I/P
MUX
2.5V
VREF
Figure 1.
GENERAL DESCRIPTION
The AD73291 is an 8-channel, 12-bit plus sign successive
approximation ADC designed on the iCMOS™ (industrial
CMOS) process. iCMOS is a process combining high voltage
CMOS and low voltage CMOS. It enables the development of
a wide range of high performance analog ICs capable of 33 V
operation in a footprint that no previous generation of high
voltage parts could achieve. Unlike analog ICs using conventional
CMOS processes, iCMOS components can accept bipolar input
signals while providing increased performance, dramatically
reduced power consumption, and reduced package size.
The AD7329 can accept true bipolar analog input signals. The
AD7329 has four software-selectable input ranges: ±10 V, ±5 V,
±2.5 V, and 0 V to +10 V. Each analog input channel can be
independently programmed to one of the four input ranges.
The analog input channels on the AD7329 can be programmed
to be single-ended, true differential, or pseudo differential.
The ADC contains a 2.5 V internal reference. The AD7329 also
allows for external reference operation. If a 3 V reference is
applied to the REFIN/REFOUT pin, the AD7329 can accept a true
bipolar ±12 V analog input. The ADC has a high speed serial
interface that can operate at throughput rates up to 1 MSPS.
PRODUCT HIGHLIGHTS
1.
The AD7329 can accept true bipolar analog input signals,
±10 V, ±5 V, ±2.5 V, and 0 V to +10 V unipolar signals.
2.
The eight analog inputs can be configured as eight single-
ended inputs, four true differential input pairs, four pseudo
differential inputs, or seven pseudo differential inputs.
3.
1 MSPS serial interface. SPI®-/QSPI™-/DSP-/MICROWIRE™-
compatible interface.
4.
Low power, 21 mW, at 1 MSPS.
5.
The MUXOUT± and ADCIN± pins allow for signal conditioning
of the mux output prior to entering the ADC.
Table 1. Similar Devices
Device
Number
Throughput Rate
Number of Channels
AD7328
1000 kSPS
8
AD7327
500 kSPS
8
AD7324
1000 kSPS
4
AD7323
500 kSPS
4
AD7322
1000 kSPS
2
AD7321
500 kSPS
2
1 Protected by U.S. Patent No. 6,731,232.


Similar Part No. - AD7329

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7329 AD-AD7329 Datasheet
538Kb / 40P
1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7329 AD-AD7329_15 Datasheet
754Kb / 38P
1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
More results

Similar Description - AD7329

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7328 AD-AD7328 Datasheet
880Kb / 36P
8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7329 AD-AD7329 Datasheet
538Kb / 40P
1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7322BRUZ AD-AD7322BRUZ Datasheet
592Kb / 36P
2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. A
AD7322 AD-AD7322_15 Datasheet
911Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. B
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7329 AD-AD7329_15 Datasheet
754Kb / 38P
1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7322 AD-AD7322 Datasheet
725Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
23-Feb-2017
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com