Electronic Components Datasheet Search
  English  ▼

X  

AD7329 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7329 Datasheet HTML 25Page - Analog Devices AD7329 Datasheet HTML 26Page - Analog Devices AD7329 Datasheet HTML 27Page - Analog Devices AD7329 Datasheet HTML 28Page - Analog Devices AD7329 Datasheet HTML 29Page - Analog Devices AD7329 Datasheet HTML 30Page - Analog Devices AD7329 Datasheet HTML 31Page - Analog Devices AD7329 Datasheet HTML 32Page - Analog Devices AD7329 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
AD7329
Data Sheet
SEQUENCE REGISTER
The sequence register on the AD7329 is an 8-bit, write-only register. Each of the eight analog input channels has one corresponding bit in
the sequence register. To select a channel for inclusion in the sequence, set the corresponding channel bit to 1 in the sequence register.
MSB
LSB
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Write
Register Select 1
Register Select 2
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
0
0
0
0
0
RANGE REGISTERS
The range registers are used to select one analog input range per analog input channel. Range Register 1 is used to set the ranges for Channel 0 to
Channel 3. It is an 8-bit, write-only register with two dedicated range bits for each of the analog input channels from Channel 0 to Channel 3.
There are four analog input ranges, ±10 V, ±5 V, ±2.5 V, and 0 V to +10 V. A write to Range Register 1 is selected by setting the write bit to 1
and the range select bits to 0 and 1, respectively. After the initial write to Range Register 1 occurs, each time an analog input is selected,
the AD7329 automatically configures the analog input to the appropriate range, as indicated by Range Register 1. The ±10 V input range
is selected by default on each analog input channel (see Table 15).
MSB
LSB
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Write
Register Select 1
Register Select 2
VIN0A
VIN0B
VIN1A
VIN1B
VIN2A
VIN2B
VIN3A
VIN3B
0
0
0
0
0
Range Register 2 is used to set the ranges for Channel 4 to Channel 7. It is an 8-bit, write-only register with two dedicated range bits for
each of the analog input channels from Channel 4 to Channel 7. There are four analog input ranges, ±10 V, ±5 V, ±2.5 V, and 0 V to +10 V.
After the initial write to Range Register 2 occurs, each time an analog input is selected, the AD7329 automatically configures the analog
input to the appropriate range, as indicated by Range Register 2. The ±10 V input range is selected by default on each analog input
channel (see Table 15).
MSB
LSB
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Write
Register Select 1
Register Select 2
VIN4A
VIN4B
VIN5A
VIN5B
VIN6A
VIN6B
VIN7A
VIN7B
0
0
0
0
0
Table 15. Range Selection
VINxA
VINxB
Description
0
0
This combination selects the ±10 V input range on VINx.
0
1
This combination selects the ±5 V input range on VINx.
1
0
This combination selects the ±2.5 V input range on VINx.
1
1
This combination selects the 0 V to +10 V input range on VINx.
Rev. C | Page 28 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com