Electronic Components Datasheet Search
  English  ▼

X  

AD7329 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7329 Datasheet HTML 11Page - Analog Devices AD7329 Datasheet HTML 12Page - Analog Devices AD7329 Datasheet HTML 13Page - Analog Devices AD7329 Datasheet HTML 14Page - Analog Devices AD7329 Datasheet HTML 15Page - Analog Devices AD7329 Datasheet HTML 16Page - Analog Devices AD7329 Datasheet HTML 17Page - Analog Devices AD7329 Datasheet HTML 18Page - Analog Devices AD7329 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
AD7329
Data Sheet
–50
–90
10
1000
ANALOG INPUT FREQUENCY (kHz)
SINGLE-ENDED MODE
VDD = 12V, VSS = –12V
VCC = VDRIVE = 5V
INTERNAL REFERENCE
AD8021 BETWEEN MUXOUT+
AND ADCIN+ PINS
100
RIN = 2000Ω
RIN = 1000Ω
RIN = 600Ω
RIN = 100Ω
RIN = 50Ω
±2.5V RANGE
RIN = 2000Ω
RIN = 1000Ω
RIN = 600Ω
RIN = 100Ω
RIN = 50Ω
±10V RANGE
–55
–60
–65
–70
–75
–80
–85
Figure 22. THD vs. Analog Input Frequency for Various Source Impedances,
Single-Ended Mode
–76
–88
±5
±17
SUPPLY VOLTAGE (V) (VDD = +, VSS = –)
30kHz/1MSPS
10kHz/1MSPS
30kHz/500kSPS
10kHz/500kSPS
±5V RANGE
VCC = VDRIVE = 5V
INTERNAL REFERENCE
SINGLE-ENDED MODE
AD8021 BETWEEN MUXOUT+
AND ADCIN+ PINS
–78
–80
–82
–84
–86
±7
±9
±11
±13
±15
Figure 23. THD vs. Supply Voltage at 500 kSPS and 1 MSPS
with 10 kHz and 30 kHz Input Tone
Rev. C | Page 14 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com