Electronic Components Datasheet Search
  English  ▼

X  

AD7329 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7329 Datasheet HTML 7Page - Analog Devices AD7329 Datasheet HTML 8Page - Analog Devices AD7329 Datasheet HTML 9Page - Analog Devices AD7329 Datasheet HTML 10Page - Analog Devices AD7329 Datasheet HTML 11Page - Analog Devices AD7329 Datasheet HTML 12Page - Analog Devices AD7329 Datasheet HTML 13Page - Analog Devices AD7329 Datasheet HTML 14Page - Analog Devices AD7329 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
AD7329
Data Sheet
Pin No.
Mnemonic
Descriptions
21
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface operates.
Decouple this pin to DGND. The voltage at this pin can be different than that at VCC but must not exceed VCC
by more than 0.3 V.
22
DOUT
Serial Data Output. The conversion output data is supplied to this pin as a serial data stream. The bits are
clocked out on the falling edge of the SCLK input, and 16 SCLKs are required to access the data. The data
stream consists of three channel identification bits, the sign bit, and 12 bits of conversion data. The data is
provided MSB first (see the Serial Interface section).
24
SCLK
Serial Clock, Logic Input. A serial clock input provides the SCLK used for accessing the data from the AD7329.
This clock is also used as the clock source for the conversion process.
Rev. C | Page 10 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com